Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP120NF04 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP120NF04
Description  N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF04 Datasheet(HTML) 2 Page - STMicroelectronics

  STP120NF04 Datasheet HTML 1Page - STMicroelectronics STP120NF04 Datasheet HTML 2Page - STMicroelectronics STP120NF04 Datasheet HTML 3Page - STMicroelectronics STP120NF04 Datasheet HTML 4Page - STMicroelectronics STP120NF04 Datasheet HTML 5Page - STMicroelectronics STP120NF04 Datasheet HTML 6Page - STMicroelectronics STP120NF04 Datasheet HTML 7Page - STMicroelectronics STP120NF04 Datasheet HTML 8Page - STMicroelectronics STP120NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STP120NF04
2/11
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤120A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25°C, Id = 60A, VDD=30 V
(#) Current Limited by Package
Table 4: Thermal Data
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On /Off
Table 6: Dynamic
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
40
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
40
V
VGS
Gate- source Voltage
± 20
V
ID (#)
Drain Current (continuos) at TC = 25°C
120
A
ID
Drain Current (continuos) at TC = 100°C
120
A
IDM ( )
Drain Current (pulsed)
480
A
PTOT
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ns
EAS (2)
Single Pulse Avalanche Energy
1.2
J
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 175
°C
Rthj-case
Thermal Resistance Junction-case Max
0.5
°C/W
Rthj-pcb
Thermal Resistance Junction-pcb Max
See Curve on page 6
°C/W
Rthj-amb
Thermal Resistance Junction-ambient (Free air) Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
40
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating,
TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
2.8
4.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 50 A
0.0047
0.0050
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS > =15 V , ID =50 A
150
S
Ciss
Input Capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
5100
pF
Coss
Output Capacitance
1300
pF
Crss
Reverse Transfer
Capacitance
160
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com