Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V37T-E/MS Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP6V37T-E/MS
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V37T-E/MS Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP6V37T-E/MS Datasheet HTML 42Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 43Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 44Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 45Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 46Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 47Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 48Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 49Page - Microchip Technology MCP6V37T-E/MS Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
 2019 Microchip Technology Inc.
DS20006209A-page 47
MCP6V36/6U/7/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6V36T:
Single Op Amp (Tape and Reel) (SOT-23)
MCP6V36UT: Single Op Amp (Tape and Reel)
(SC-70, SOT-23)
MCP6V37:
Dual Op Amp (MSOP, 2x3 TDFN)
MCP6V37T:
Dual Op Amp (Tape and Reel) (MSOP,
2x3 TDFN)
MCP6V39:
Quad Op Amp (TSSOP)
MCP6V39T:
Quad Op Amp (Tape and Reel) (TSSOP)
Temperature Range: E
= -40°C to +125°C (Extended)
Package:
LTY*
= Plastic Small Outline Transistor, 5-lead
OT
= Plastic Small Outline Transistor, 5-lead
MNY* = Plastic Dual Flat, No-Lead - 2×3×0.8 mm Body,
8-lead
MS
= Plastic Micro Small Outline, 8-lead
ST
= Plastic Thin Shrink Small Outline - 4.4 mm
Body, 14-lead
* Y = Nickel palladium gold manufacturing designator. Only
available on the TDFN and SC-70 packages.
PART NO.
–X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Examples:
a)
MCP6V36T-E/OT:
Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6V36UT-E/LTY: Tape and Reel
Extended temperature,
5LD SC70 package
b)
MCP6V36UT-E/OT: Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6V37-E/MS:
Extended temperature,
8LD MSOP package
b)
MCP6V37T-E/MS:
Tape and Reel,
Extended temperature,
8LD MSOP package
c)
MCP6V37T-E/MNY: Tape and Reel,
Extended temperature,
8LD 2x3 TDFN package
a)
MCP6V39-E/ST:
Extended temperature,
14LD TSSOP package
b)
MCP6V39T-E/ST:
Tape and Reel
Extended temperature,
14LD TSSOP package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com