Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V39-E/ST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6V39-E/ST
Description  23 關A, 300 kHz Zero-Drift Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V39-E/ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6V39-E/ST Datasheet HTML 11Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 12Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 13Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 14Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 15Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 16Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 17Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 18Page - Microchip Technology MCP6V39-E/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
 2019 Microchip Technology Inc.
DS20006209A-page 15
MCP6V36/6U/7/9
Note: Unless otherwise indicated, TA =+25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =100 kΩ to VL and CL = 20 pF.
FIGURE 2-43:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-44:
Output Overdrive Recovery
vs. Time with G = -10 V/V.
FIGURE 2-45:
Output Overdrive Recovery
Time vs. Inverting Gain.
010
0.15
0.20
0.25
0.30
Falling Edge
V
DD = 5.5V
0.00
0.05
0.10
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 1.8V
Rising Edge
2
3
4
5
6
7
2
3
4
5
6
7
V
=55V
V
OUT
G V
IN
-1
0
1
2
-1
0
1
2
0
100 200 300 400 500 600 700 800 900 10001100
Time (100 µs/div)
V
DD =5.5V
G = -10 V/V
0.5V Overdrive
V
OUT
G V
IN
1E 04
1.E-03
1.E-02
0.5V Input Overdrive
t
ODR, high
V
DD = 5.5V
V
DD = 1.8V
10m
1m
100µ
1.E-05
1.E-04
1
10
100
1000
Inverting Gain Magnitude (V/V)
t
ODR, low
100µ
10µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com