Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D11-80 Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP37D11-80
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D11-80 Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP37D11-80 Datasheet HTML 60Page - Microchip Technology MCP37D11-80 Datasheet HTML 61Page - Microchip Technology MCP37D11-80 Datasheet HTML 62Page - Microchip Technology MCP37D11-80 Datasheet HTML 63Page - Microchip Technology MCP37D11-80 Datasheet HTML 64Page - Microchip Technology MCP37D11-80 Datasheet HTML 65Page - Microchip Technology MCP37D11-80 Datasheet HTML 66Page - Microchip Technology MCP37D11-80 Datasheet HTML 67Page - Microchip Technology MCP37D11-80 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 64
MCP37D31-80 AND MCP37D21-80
4.9
Digital Offset and Digital Gain
Settings
Figure 4-21 shows a simplified block diagram of the
digital offset and gain settings. Offset is applied prior to
the gain. Offset and gain adjustments occur prior to
DDC, Decimation or FDR when these features are
used.
4.9.1
DIGITAL OFFSET SETTINGS
The offset can be corrected using a 16-bit-wide global
offset correction register (0x66) for all channels, offset
correction registers for individual channels (0x9E-
0xA7) or by combining both global and individual offset
correction registers. The offset control for individual
channels can be used with DIG_OFFSET_WEIGHT
<1:0> in 0xA7. The corresponding registers for each
correction are shown in Figure 4-21.
Note that, except for the octal-channel mode, the offset
setting registers for individual channels, 0x9E-0xA7
(Registers 5-70 – 5-78),
do
not
sequentially
correspond to the channel order defined by
CH_ORDER<23:0>. Table 4-18 shows the details of
the offset registers that correspond to the actual
channels, depending on the number of channels used.
4.9.2
DIGITAL GAIN SETTINGS
CH(N)_DIG_GAIN<7:0> in Addresses 0x96 – 0x9D
(Registers 5-62 – 5-69) is used to adjust the digital gain
per channel.
FIGURE 4-21:
Simplified Block Diagram for Digital Offset and Gain Settings.
Note 1: Digital Offset Setting: Register mapping
(0x9E – 0xA7) to the corresponding
channel is not sequential to the channel
order defined by CH_ORDER<23:0>,
except for the octal-channel mode. See
Table 4-18 for details.
2: Gain and NCO Phase Offset: Register
mapping to the corresponding channel is
sequential to the channel order defined
by CH_ORDER<23:0>.
TABLE 4-18:
REGISTER ASSIGNMENT FOR OFFSET SETTING
Register Address for Offset Setting
1st Channel 2nd Channel 3rd Channel
4th Channel
5th Channel 6th Channel 7th Channel 8th Channel
10x9F
─
─
─
─
─
─
─
2
0xA0
0x9F
─
─
─
─
─
─
3
0xA1
0x9F
0xA0
─
─
─
─
─
4
0xA2
0x9F
0xA0
0xA1
─
─
─
─
5
0xA3
0x9F
0xA0
0xA1
0xA2
─
─
─
6
0xA4
0x9F
0xA0
0xA1
0xA2
0xA3
─
─
7
0xA5
0x9F
0xA0
0xA1
0xA2
0xA3
0xA4
─
8
0x9E
0x9F
0xA0
0xA1
0xA2
0xA3
0xA4
0xA5
CH(n)_DIG_GAIN<7:0>
Digital Offset Control
ADC
Digital Gain Control
Output
Corrected
ADC Output
CH(n)_DIG_OFFSET<7:0>
DIG_OFFSET_WEIGHT<1:0>
Global Digital Offset Control
DIG_OFFSET_GLOBAL<15:0>
for individual channel
for individual channel
(See Address 0x66)
(See Addresses 0x9E – 0xA5)
(See Address 0xA7)
(See Addresses 0x96 – 0x9D)
for all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com