Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4726 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4726
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 7Page - Microchip Technology MCP4726 Datasheet HTML 8Page - Microchip Technology MCP4726 Datasheet HTML 9Page - Microchip Technology MCP4726 Datasheet HTML 10Page - Microchip Technology MCP4726 Datasheet HTML 11Page - Microchip Technology MCP4726 Datasheet HTML 12Page - Microchip Technology MCP4726 Datasheet HTML 13Page - Microchip Technology MCP4726 Datasheet HTML 14Page - Microchip Technology MCP4726 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 11
MCP47A1
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-1:
INL vs. Code (00h to 3Fh)
and Temperature.
VDD = 5.5V, VREF = 5.5V, 2.7V, 1.8V, and 1.0V.
FIGURE 2-2:
INL vs. Code (00h to 3Fh)
and Temperature.
VDD = 2.7V, VREF = 2.7V, 1.8V, and 1.0V.
FIGURE 2-3:
INL vs. Code (00h to 3Fh)
and Temperature.
VDD = 2.0V, VREF = 2.0V, 1.8V, and 1.0V.
FIGURE 2-4:
INL vs. Code (00h to 3Fh)
and Temperature.
VDD = 1.8V, VREF = 1.6V, and 1.0V.
Note 1: The graphs and tables provided following this note are a statistical summary based on a limited number
of samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.25
0.00
0.25
0.50
0.75
1.00
1.00
0.75
0.50
0
8
16
24
32
40
48
56
64
DAC Wiper Code
40C 5.5V
+25C 5.5V
+85C 5.5V
+125C 5.5V
40C 2.7V
+25C 2.7V
+85C 2.7V
+125C 2.7V
40C 1.8V
+25C 1.8V
+85C 1.8V
+125C 1.8V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
Typical Device
0.25
0.00
0.25
0.50
0.75
1.00
1.00
0.75
0.50
0
8
16
24
32
40
48
56
64
DAC Wiper Code
40C 2.7V
+25C 2.7V
+85C 2.7V
+125C 2.7V
40C 1.8V
+25C 1.8V
+85C 1.8V
+125C 1.8V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
Typical Device
0.25
0.00
0.25
0.50
0.75
1.00
1.00
0.75
0.50
0
8
16
24
32
40
48
56
64
DAC Wiper Code
40C 2.0V
+25C 2.0V
+85C 2.0V
+125C 2.0V
40C 1.8V
+25C 1.8V
+85C 1.8V
+125C 1.8V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
Typical Device
Analog Performance Specified for VDD ≥ 2.7V.
0.25
0.00
0.25
0.50
0.75
1.00
1.00
0.75
0.50
0
8
16
24
32
40
48
56
64
DAC Wiper Code
40C 1.6V
+25C 1.6V
+85C 1.6V
+125C 1.6V
40C 1.0V
+25C 1.0V
+85C 1.0V
+125C 1.0V
Typical Device
Analog Performance Specified for VDD ≥ 2.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com