Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FVBXX Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP47FVBXX
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBXX Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP47FVBXX Datasheet HTML 35Page - Microchip Technology MCP47FVBXX Datasheet HTML 36Page - Microchip Technology MCP47FVBXX Datasheet HTML 37Page - Microchip Technology MCP47FVBXX Datasheet HTML 38Page - Microchip Technology MCP47FVBXX Datasheet HTML 39Page - Microchip Technology MCP47FVBXX Datasheet HTML 40Page - Microchip Technology MCP47FVBXX Datasheet HTML 41Page - Microchip Technology MCP47FVBXX Datasheet HTML 42Page - Microchip Technology MCP47FVBXX Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 39
MCP47FVBXX
5.2
Voltage Reference Selection
The resistor ladder has up to four sources for the refer-
ence voltage. Two user control bits (VREF1:VREF0)
are used to control the selection, with the selection con-
nected to the VRL node (see Figures 5-3 and 5-4). The
four voltage source options for the Resistor Ladder are:
1.
VDD pin voltage
2.
Internal Voltage Reference (VBG)
3.
VREF pin voltage unbuffered
4.
VREF pin voltage internally buffered
The selection of the voltage is specified with the volatile
VREF1:VREF0 configuration bits (see Register 4-2). On
a POR/BOR event, the default configuration state is
latched into the volatile VREF1:VREF0 configuration
bits.
When the user selects the VDD as reference, the VREF
pin voltage is not connected to the resistor ladder.
If the VREF pin is selected, then select between the
buffered or unbuffered mode.
5.2.1
UNBUFFERED MODE
The VREF pin voltage may be from VSS to VDD.
5.2.2
BUFFERED MODE
The VREF pin voltage may be from 0.01V to VDD -
0.04V. The input buffer (amplifier) provides low offset
voltage, low noise, and a very high input impedance,
with only minor limitations on the input range and fre-
quency response.
FIGURE 5-3:
Resistor Ladder Reference
Voltage Selection Block Diagram.
FIGURE 5-4:
Reference Voltage Selection
Implementation Block Diagram.
5.2.3
BANDGAP MODE
If the Internal Band Gap is selected, then the external
VREF pin should not be driven and only use
high-impedance loads. Decoupling capacitors are
recommended for optimal operation.
The band gap output is buffered, but the internal
switches limit the current that the output should source
to the VREF pin. The resistor ladder buffer is used to
drive the Band Gap voltage for the cases of multiple
DAC outputs. This ensures that the resistor ladders are
always properly sourced when the band gap is selected.
Note 1:
The voltage source should have a low
output impedance. If the voltage source
has a high output impedance, then the
voltage on the VREF’s pin would be lower
than expected. The resistor ladder has a
typical impedance of 140 k
 and a typi-
cal capacitance of 29 pF.
2:
If the VREF pin is tied to the VDD volt-
age, VDD mode (VREF1:VREF0 = ‘00’)
is recommended.
Note 1:
Any variation or noises on the reference
source can directly affect the DAC output.
The reference voltage needs to be as
clean as possible for accurate DAC
performance.
2:
If the VREF pin is tied to the VDD volt-
age, VDD mode (VREF1:VREF0 = ‘00’)
is recommended.
VRL
VDD
Buffer
VREF1:VREF0
VREF
Band Gap
VREF
+
-
VDD
VDD
PD1:PD0 and
VREF1:VREF0
Band Gap (1)
(1.22V typical)
VDD
VREF1:VREF0
PD1:PD0
VRL
Note 1:
The Band Gap voltage (VBG) is 1.22V
typical. The band gap output goes through
the buffer with a 2x gain to create the VRL
voltage. See Section 5.4 “Internal Band
Gap”
for addition information on the band
gap circuit.
VREF1:VREF0
and BGEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com