Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP48CVB01 Datasheet(PDF) 99 Page - Microchip Technology

Part # MCP48CVB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CVB01 Datasheet(HTML) 99 Page - Microchip Technology

Back Button MCP48CVB01 Datasheet HTML 95Page - Microchip Technology MCP48CVB01 Datasheet HTML 96Page - Microchip Technology MCP48CVB01 Datasheet HTML 97Page - Microchip Technology MCP48CVB01 Datasheet HTML 98Page - Microchip Technology MCP48CVB01 Datasheet HTML 99Page - Microchip Technology MCP48CVB01 Datasheet HTML 100Page - Microchip Technology MCP48CVB01 Datasheet HTML 101Page - Microchip Technology MCP48CVB01 Datasheet HTML 102Page - Microchip Technology MCP48CVB01 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 99
MCP48CXBXX
FIGURE B-3:
GAIN ERROR AND FULL-
SCALE ERROR EXAMPLE.
EQUATION B-5:
GAIN ERROR EXAMPLE
B.10
Gain Error Drift (EGD)
The Gain Error Drift is the variation in Gain Error due to
a change in ambient temperature. The Gain Error Drift
is typically expressed in ppm/°C (of FSR).
B.11
Integral Nonlinearity (INL)
The Integral Nonlinearity (INL) Error is the maximum
deviation of an actual transfer function from an ideal
transfer function (straight line) passing through the
defined end-points of the DAC transfer function (after
Offset and Gain Errors have been removed).
For the MCP48CXBXX, INL is calculated using the
defined end-points, DAC code 64 and code 4032. INL
can be expressed as a percentage of FSR or in LSb.
INL is also called relative accuracy. Equation B-6 shows
how to calculate the INL error in LSb and Figure B-4
shows an example of INL accuracy.
Positive INL means a VOUT voltage higher than the
ideal one. Negative INL means a VOUT voltage lower
than the ideal one.
EQUATION B-6:
INL ERROR
FIGURE B-4:
INL ACCURACY.
Ideal Transfer
Actual
DAC Input Code
0
Full-Scale
Error (EFS)
Gain Error (EG)
Function
64
4032
4095
VREF
Transfer
Function
(@ code = 4032)
Ideal Transfer
Function shifted by
Offset Error
(crosses at start of
defined linear range)
Where:
EG is expressed in % of Full-Scale Range (FSR).
VOUT(@4032) = The measured DAC
output voltage at the
specified code.
VOUT_Ideal(@4032) = The calculated DAC
output voltage at the
specified code.
(4032 * VLSb(Ideal))
VOS = Measured offset voltage.
VFull-Scale Range = Expected Full-Scale
output value (such as the
VREF voltage).
EG
VOUT(@4032) VOS
–
VOUT_Ideal(@4032)
–

VFull-Scale Range
---------------------------------------------------------------------------------------------------- * 100
=
Where:
INL is expressed in LSb.
VCalc_Ideal = Code * VLSb(Measured) + VOS
VOUT(Code = n) = The measured DAC output
voltage with a given DAC
register code
VLSb(Measured) = For Measured:
(VOUT(4032) - VOUT(64))/3968
VOS = Measured offset voltage
EINL
VOUT VCalc_Ideal
–

VLSb Measured

--------------------------------------------------
=
010
001
000
Analog
Output
(LSb)
DAC Input Code
011
111
100 101
1
2
3
4
5
6
0
7
110
Ideal Transfer Function
Actual Transfer Function
INL = < -1 LSb
INL = 0.5 LSb
INL = - 1 LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com