Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MEX-F-14231-C/B Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MEX-F-14231-C/B
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-F-14231-C/B Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MEX-F-14231-C/B Datasheet HTML 1Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 2Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 3Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 4Page - M-System Co.,Ltd. MEX-F-14231-C/B Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MEX-F
MEX-F SPECIFICATIONS
ES-4623 Rev.7 Page 4/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
–
3-PHASE SSR
3-PHASE SSR
max.
3-PHASE MOTOR
M
U
V
W
+
+
min.
5
6
4
2
7
8
U(+)
V(–)
+
–
3
Amplifier
Control
Output
Driver
Base Socket
S
Z
POWER
Output
Driver
Timer
Compa-
rator
1
10
11
Position
Detector
9
+
DEAD-
BAND
ADJ.
TIMER
Input
Dir. / Rev.
Selector
No Input
Detector
Feedback
Dir. / Rev.
Selector
2
3
Constant
Curent
S
Z
1
10
11
Voltage
Amplifier
9
FEEDBACK
+
–
20Ω
Electronic
Limiter
S
Z
*
*
**
***
****Option /B
R
RE-TRANSMITTED
OUTPUT
SETPOINT
A
**
AC
MOTOR
min.
max.
FEEDBACK
POT
max.
min.
CONTROL
OUTPUT
POSITION
FEEDBACK INPUT
Break
SSR
***
****
Input shunt resistor attached for current input.
Option /E
Operation Mode Selector
Control Output Examples
• External
SSR Drive
2
3
1
• Incorporated SSR
• 24V AC Dry Contact
Position Feedback Input Examples
10
11
Resist/
Voltage
Converter
9
• Potentiometer Feedback
S
Z
SSR or
Photo MOSFET Relay
• Current Feedback
M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com