Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T56D107M035CSS025 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # T56D107M035CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M035CSS025 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button T56D107M035CSS025 Datasheet HTML 6Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 9Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 10Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 11Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 12Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 13Page - Vishay Siliconix T56D107M035CSS025 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 13-Apr-2021
4
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POLYMER CAPACITORS - MOLDED CASE
SERIES
T50, T55, T56
PRODUCT IMAGE
TYPE
VPolyTanTM, molded case, high performance polymer
FEATURES
High performance
TEMPERATURE RANGE
-55 °C to +105 °C / +125 °C
CAPACITANCE RANGE
3.3 μF to 1000 μF
VOLTAGE RANGE
2.5 V to 63 V
CAPACITANCE TOLERANCE
± 20 %
LEAKAGE CURRENT
0.1 CV
DISSIPATION FACTOR
8 % to 10 %
ESR
6 m
Ω to 500 mΩ
CASE SIZES
J, P, A, T, B, Z, V, D, C
TERMINATION FINISH
Cases J, P, C: 100 % tin
Case A, T, B, Z, V, D: Ni / Pd / Au
POLYMER CAPACITORS - LEADFRAMELESS MOLDED CASE
SERIES
T52
T58
T59
T54
20021
PRODUCT
IMAGE
TYPE
vPolyTanTM polymer
surface mount
chip capacitors,
low profile,
leadframeless
molded type
vPolyTanTM polymer
surface mount chip
capacitors, compact,
leadframeless
molded type
vPolyTanTM polymer
surface mount
chip capacitors,
low ESR,
leadframeless
molded type
vPolyTanTM polymer
surface mount chip
capacitors, low ESR,
leadframeless
molded type,
hi-rel commercial
off-the-shelf (COTS)
vPolyTanTM polymer
surface mount chip
capacitors, low ESR,
leadframeless
molded type,
DLA approved
FEATURES
Low profile
Small case size
Multianode
Hi-rel COTS,
multianode
Multianode
TEMPERATURE
RANGE
-55 °C to +105 °C
-55 °C to +105 °C
-55 °C to +105 °C
-55 °C to +125 °C
-55 °C to +125 °C
CAPACITANCE
RANGE
47 μF to 1500 μF
1 μF to 330 μF
15 μF to 470 μF
15 μF to 470 μF
(discrete capacitors)
15 μF to 470 μF
30 μF to 2800 μF
(stacked capacitors)
VOLTAGE
RANGE
10 V to 35 V
6.3 V to 35 V
16 V to 75 V
16 V to 75 V
16 V to 63 V
CAPACITANCE
TOLERANCE
± 20 %
± 20 %
± 10 %, ± 20 %
± 20 %
± 20 %
LEAKAGE
CURRENT
0.1 CV
DISSIPATION
FACTOR
10 %
8 % to 14 %
12 %
12 %
10 %
ESR
25 m
Ω to 55 mΩ
50 m
Ω to 500 mΩ
25 m
Ω to 150 mΩ
5 m
Ω to 150 mΩ
25 m
Ω to 150 mΩ
CASE SIZES
E5, M1, M9, B2
MM, W0, W9, A0, BB
EE
EE, E2, E3, E4, E6
EE
TERMINATION
100 % tin
100 % tin; tin / lead
Tin / lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com