Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48NDT-2RF-M2/CE Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # 48NDT-2RF-M2/CE
Description  Bargraph Indicators 48N Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NDT-2RF-M2/CE Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button 48NDT-2RF-M2/CE Datasheet HTML 3Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 4Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 5Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 6Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 7Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 8Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 9Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 10Page - M-System Co.,Ltd. 48NDT-2RF-M2/CE Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MODEL: 48NDT
48NDT SPECIFICATIONS
ES-9444 Rev.14 Page 10/11
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
12
13
14
15
16
POWER
U(+)
V(–)
LLa
11 La
LLb
Lc, LLc
Inductive
Load (Coil)
Varistor or
CR Circuit
• DC Powered
Inductive
Load (Coil)
Diode, Varistor or
CR Circuit
n Relay Protection
• AC Powered
8
9
10
HHa
7 Hc, HHc
HHb
Ha
HH OUTPUT
H OUTPUT
LL OUTPUT
L OUTPUT
■ ALARM OUTPUT CODE 4: 4 points
Digital
Computation
12
13
14
15
16
POWER
U(+)
V(–)
La
Lb
Lc
8
9
Ha
7 Hc
Hb
H OUTPUT
L OUTPUT
11
10
■ ALARM OUTPUT CODE 2: 2 points
Display /
Setting
Digital
Computation
*
Low Drift
Amplifier
Burnout
+
–
T/C
comp. leadwire
3
2
1
5
6
4
+
–
Linearizer
Amplifier
Cold Junction
Compensation
CJC
SENSOR
metal leg
model: CJM
*Deleted with B thermocouple
12
13
14
15
16
POWER
U(+)
V(–)
8
9
7
11
10
■ ALARM OUTPUT CODE 0: None
Display /
Setting
Digital
Computation
*
Low Drift
Amplifier
Burnout
+
–
T/C
comp. leadwire
3
2
1
5
6
4
+
–
Linearizer
Amplifier
Cold Junction
Compensation
CJC
SENSOR
metal leg
model: CJM
*Deleted with B thermocouple
Display /
Setting
*
Low Drift
Amplifier
Burnout
+
–
T/C
comp. leadwire
3
2
1
5
6
4
+
–
Linearizer
Amplifier
Cold Junction
Compensation
CJC
SENSOR
metal leg
model: CJM
*Deleted with B thermocouple
Ry
Ry
Ry
Ry
Ry
Ry
LOAD
LOAD
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com