Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC193D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC193D
Description  RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC193D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC193D Datasheet HTML 1Page - STMicroelectronics M54HC193D Datasheet HTML 2Page - STMicroelectronics M54HC193D Datasheet HTML 3Page - STMicroelectronics M54HC193D Datasheet HTML 4Page - STMicroelectronics M54HC193D Datasheet HTML 5Page - STMicroelectronics M54HC193D Datasheet HTML 6Page - STMicroelectronics M54HC193D Datasheet HTML 7Page - STMicroelectronics M54HC193D Datasheet HTML 8Page - STMicroelectronics M54HC193D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
April 2004
s
HIGH SPEED: fMAX=55MHz (TYP.) at VCC=6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 193
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9204-065
DESCRIPTION
The
M54HC193
is
an
high
speed
CMOS
SYNCRONOUS
UP/DOWN
BINARY
COUNTERS fabricated with silicon gate C2MOS
technology.
The counter has two separate clock inputs, an UP
COUNT input and a DOWN COUNT input. All
outputs
of
the
flip-flop
are
simultaneously
triggered on the low to high transition of either
clock while the other input is held high. The
direction of counting is determined by which input
is clocked. This counter may be preset by entering
the desired data on the DATA A, DATA B, DATA
C, and DATA D input. When the LOAD input is
taken low the data is loaded independently of
either clock input. This feature allows the counters
to be used as divide-by-n counters by modifying
the count length with the preset inputs. In addition
the
counter
can
also
be
cleared.
This
is
accomplished by inputting a high on the clear
input. All 4 internal stages are set to low
independently of either COUNT input. Both a
BORROW and CARRY output are provided to
enable cascading of both up and down counting
functions. The BORROW output produces a
negative going pulse when the counter underflows
and the CARRY outputs a pulse when the
counters overflows. The counter can be cascaded
by connection the CARRY and BORROW outputs
of one device to the COUNT UP and COUNT
DOWN inputs, respectively, of the next device.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC193
RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC193D
M54HC193D1
FPC
M54HC193K
M54HC193K1
DILC-16
FPC-16


Similar Part No. - M54HC193D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC193D STMICROELECTRONICS-M54HC193D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC193D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
Oct-1992
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP Datasheet
368Kb / 10P
SYNCHRONOUS UP/DOWN BINARY COUNTER
logo
STMicroelectronics
M54HC4040 STMICROELECTRONICS-M54HC4040 Datasheet
240Kb / 11P
RAD-HARD 12 STAGE BINARY COUNTER
10-May-2004
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
Synchronous Up/Down Binary Counter
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
M54HC4020 STMICROELECTRONICS-M54HC4020_04 Datasheet
332Kb / 11P
RAD-HARD 14 STAGE BINARY COUNTER
10-May-2004
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com