Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRP4 Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # MRP4
Description  Final Control Elements
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MRP4 Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  MRP4 Datasheet HTML 1Page - M-System Co.,Ltd. MRP4 Datasheet HTML 2Page - M-System Co.,Ltd. MRP4 Datasheet HTML 3Page - M-System Co.,Ltd. MRP4 Datasheet HTML 4Page - M-System Co.,Ltd. MRP4 Datasheet HTML 5Page - M-System Co.,Ltd. MRP4 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: MRP4
MRP4 SPECIFICATIONS
ES-4824 Rev.13 Page 6/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY
COM1
COM2
COM1
COM3
FULL-CLOSED
Full-open/-closed signals, forced open/close signals and full-closed/overload signals are optional.
Disregard the switching regulator circuit for DC power input.
INPUT
STATUS
Position
Detector
S
Z
MOTOR
POT
LIMIT
SW
FULL-OPEN
or FULL-CLOSED SIGNAL
CCW
CW
RESTART
TIMER
DEADBAND
ADJ.
MODE
SELECTOR
Motor Control
Logic
Motor
Driver
Hi / Lo
Limiter
Input
Circuit
Position
Output
Switching
Regulator
POWER
Power
Circuit
CCW
CW
FORCED
OPEN/
CLOSE
SIGNAL
POWER
+ (U)
– (V)
+
+
INPUT
4 – 20mA DC
(1 – 5V DC)
POSITION
OUTPUT
1 – 5V DC
OVER LOAD
FULL-CLOSED
or OVERLOAD SIGNAL
R
R
FUSE
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com