Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3461 Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP3461
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461 Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP3461 Datasheet HTML 71Page - Microchip Technology MCP3461 Datasheet HTML 72Page - Microchip Technology MCP3461 Datasheet HTML 73Page - Microchip Technology MCP3461 Datasheet HTML 74Page - Microchip Technology MCP3461 Datasheet HTML 75Page - Microchip Technology MCP3461 Datasheet HTML 76Page - Microchip Technology MCP3461 Datasheet HTML 77Page - Microchip Technology MCP3461 Datasheet HTML 78Page - Microchip Technology MCP3461 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 75
MCP3461/2/4
6.8.3.3
IRQ Pin State
A logic low state is generated on the IRQ pin as soon
as the AVDD or DVDD monitoring circuits detect a power
supply drop below their specified threshold.
This POR interrupt can only be cleared when both
AVDD and DVDD are above their monitoring voltage
thresholds. When this condition is met, the POR
threshold is cleared by the CS falling edge. This means
that if a CS falling edge does not clear the IRQ pin
state, the POR event is still in effect.
This feature can be used by the user to know exactly
when the chip has powered up by polling with the CS
pin and checking the IRQ pin state at power-up. See
Figure 6-16 for more details.
Since this is a high-level priority interrupt, this POR
interrupt can happen at all times, even when MDAT is
enabled. In this case, having a constant logic low bit
stream can indicate in this case a probable POR event
(or a fully negative ADC saturation output code induced
by a large negative input voltage).
FIGURE 6-16:
POR IRQ Timing Diagram.
IRQ
High-Z
0
DVDD
AVDD
tPOR
V POR_A,
CS
Clears POR Interrupt
Chip Select
Starts Low
POR
Internal State
Don’t Care
tCSIRQ
V POR_D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com