Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP48FVB28-E/MQ Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP48FVB28-E/MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB28-E/MQ Datasheet(HTML) 1 Page - Microchip Technology

  MCP48FVB28-E/MQ Datasheet HTML 1Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 2Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 3Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 4Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 5Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 6Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 7Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 8Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 1
MCP48FXBX4/8
Features
• Operating Voltage Range:
- 2.7V to 5.5V – Full specifications
- 1.8V to 2.7V – Reduced device specifications
• Output Voltage Resolutions:
- 8-bit: MCP48FXB0X (256 steps)
- 10-bit: MCP48FXB1X (1024 steps)
- 12-bit: MCP48FXB2X (4096 steps)
• Rail-to-Rail Output
• Fast Settling Time of 7.8 µs (Typical)
• DAC Voltage Reference Source Options:
- Device VDD
-External VREF pin (buffered or unbuffered)
- Internal band gap (1.22V typical)
• Output Gain Options:
-1x (unity)
- 2x (available when not using internal VDD as
voltage source)
• Nonvolatile Memory (EEPROM) Option:
- User-programmable Power-on Reset
(POR)/Brown-out Reset (BOR) output setting
and device Configuration bits recall
- Auto-recall of saved DAC register setting
- Auto-recall of saved device configuration
(voltage reference, gain, power-down)
• Power-on/Brown-out Reset Protection
• Power-Down Modes:
- Disconnects output buffer (high-impedance)
- Selection of VOUT pull-down resistors
(125 k
 or 1 k)
• Low-Power Consumption:
- Normal operation: <2.6 mA (quad), 3.2 mA (octal)
- Power-down operation: 680 nA typical
- EEPROM write cycle: 2.2 mA (quad),
2.7 mA (octal) maximum
• SPI Interface:
- Supports Mode 0,0 and Mode 1,1
- Up to 20 MHz writes and 10 MHz reads
- Input buffers support interfacing to
low-voltage digital devices
• Package Types: 20-Lead TSSOP,
20-Lead 5 mm x 5 mm VQFN
• Extended Temperature Range: -40°C to +125°C
Package Types
MCP48FXBX4
20-Lead VQFN
5x5 mm Quad
MCP48FXBX4
20-Lead TSSOP
Quad
MCP48FXBX8
20-Lead VQFN
5x5 mm Octal
MCP48FXBX8
20-Lead TSSOP
Octal
Note 1: Includes Exposed Thermal Pad (EP); see
Table 3-1 and Table 3-2.
VREF1
CS
VOUT0
1
SDO
2
3
4
21 EP(1)
NC
5
15
14
13
12
11
NC
VOUT2
VOUT1
VOUT3
VREF0
CS
VREF0
VOUT0
SCK
LAT1
1
VSS
SDI
VDD
SDO
2
3
4
5
10
9
8
7
6
20
19
18
17
16
11
12
13
14
15
VOUT2
NC
NC
NC
NC
VOUT1
VOUT3
NC
NC
VREF1
LAT0/HVC
VREF1
CS
VOUT0
1
SDO
2
3
4
21 EP(1)
VOUT5
5
15
14
13
12
11
VOUT4
VOUT2
VOUT1
VOUT3
VREF0
CS
VREF0
VOUT0
SCK
LAT1
1
VSS
SDI
VDD
SDO
2
3
4
5
10
9
8
7
6
20
19
18
17
16
11
12
13
14
15
VOUT2
VOUT4
VOUT6
NC
NC
VOUT1
VOUT3
VOUT5
VOUT7
VREF1
LAT0/HVC
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL
Digital-to-Analog Converters with SPI Interface


Similar Part No. - MCP48FVB28-E/MQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP48FVB21 MICROCHIP-MCP48FVB21 Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVB21-E/UN MICROCHIP-MCP48FVB21-E/UN Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVB21T-E/UN MICROCHIP-MCP48FVB21T-E/UN Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVB22 MICROCHIP-MCP48FVB22 Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVB22-E/UN MICROCHIP-MCP48FVB22-E/UN Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
More results

Similar Description - MCP48FVB28-E/MQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
logo
Texas Instruments
DAC80004 TI1-DAC80004 Datasheet
2Mb / 38P
Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVBXX MICROCHIP-MCP48FVBXX Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com