Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP48FVB28T-E/MQ Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP48FVB28T-E/MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB28T-E/MQ Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP48FVB28T-E/MQ Datasheet HTML 48Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 49Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 50Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 51Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 52Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 53Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 54Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 55Page - Microchip Technology MCP48FVB28T-E/MQ Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 52
 2020 Microchip Technology Inc.
3.7
SPI – Serial Data Input Pin (SDI)
The SDI pin is the serial data input pin of the SPI
interface. The SDI pin is used to read the DAC registers
and Configuration bits.
See Section 6.2 “SPI Serial Interface” for more
details on the SPI serial interface communication.
3.8
SPI – Serial Data Output Pin (SDO)
The SDO pin is the serial data output pin of the SPI
interface. The SDO pin is used to write the DAC
registers and Configuration bits.
See Section 6.2 “SPI Serial Interface” for more
details on the SPI serial interface communication.
3.9
SPI – Serial Clock Pin (SCK)
The SCK pin is the serial clock pin of the SPI interface.
The MCP48FXBX4/8 SPI interface only accepts
external serial clocks.
See Section 6.2, SPI Serial Interface for more details
on the SPI serial interface communication.
3.10
No Connect Pin (NC)
The NC pins are not connected to the device.
3.11
Exposed Pad Pin
This pad is conductively connected to the device’s
substrate. It should be tied to the same potential as the
VSS pin (or left unconnected). This pad could be used
to assist in heat dissipation for the device when con-
nected to a PCB heat sink. The pad is only present on
the VQFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com