Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S12NE64VTU Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S12NE64VTU
Description  16-bit Microcontroller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12NE64VTU Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S12NE64VTU Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S12NE64VTU Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Benefits
> 25 MHz operation at 3.3 V for 40 nsec
minimum instruction cycle time
> Object code compatible with the 68HC11
and 68HC12
> C-optimized architecture produces extremely
compact code
High-Performance 16-bit HCS12 CPU Core
> Single-wire background debug mode
> On-chip trace buffer with nine flexible trigger
modes and multiple hardware breakpoints
> Nonintrusive emulation
> Real-time emulation of MCU functions at full
operating voltage and frequency range
without the limitations of traditional emulators
> Real-time in-circuit emulation and debug
without expensive and cumbersome
“box” emulators
> Read/write memory and registers while
running at full speed
> Bus state analysis without the expense of a
traditional emulator
On-Chip Debug Interface
> In-application reprogrammable
> Self-timed, fast programming
• Fast Flash page erase—20 µs (512 bytes)
• Can program 16 bits in 20 µs while in
burst mode
> Internal program/erase voltage generation
> Flash granularity—512 byte Flash erase/
2 byte Flash program
> Flexible block protection and security
> Flexibility to change code in the field
> Efficient end-of-line programming
> Total program time for 64K code is less than
five seconds
> Reduces production programming cost
through ultrafast programming
> No external high voltage or charge
pump required
> Virtual EEPROM implementation, Flash
array usable for EE emulation
Integrated Third-Generation Flash Memory
10/100 Mbps Ethernet Media Access Controller
10/100 Mbps Ethernet Physical Transceiver
HCS12 CPU with Debug Module
2 x SCI
ADC
10-bit, 8-ch.
Timer
16-bit, 4-ch.
SPI
I2C
Voltage Regulator
3.3 V to 2.5 V Converter
18-Key Wake-up
IRQ Ports
64K Flash
8K RAM
EPHY
EMAC
HCS12 MCU
10/100 Ethernet
Controller
MC9S12NE64
Application Notes,
Evaluation Boards and
Flash
The HCS12 family of microcontrollers is the next
generation of the highly successful 68HC12 architecture.
Using Freescale Semiconductor’s 0.25µ Flash, the
MC9S12NE64 provides an upward migration path from the
68HC08, 68HC11 and 68HC12 architectures for
applications that need larger memory, more peripherals and
higher performance.
The MC9S12NE64 provides a total Ethernet connectivity
solution in one microcontroller unit (MCU) with its integrated
Ethernet Media Access Controller (EMAC), 10/100
Ethernet physical layer (EPHY) and on-chip Flash memory.
Other features include two serial communications interfaces
(SCIs), a four-channel timer, a serial peripheral interface
(SPI), an inter-integrated circuit (I2C) and a 10-bit analog
to digital converter (ADC).
MC9S12NE64
16-bit Microcontroller
BLOCK DIAGRAM
Target Applications
> Industrial Controls
> Network Appliances
> Remote Equipment
> Ethernet-Enabled Games
> Ethernet Bridge
> Automotive Meter
Reading
> Vending Machines
> Home/Office Automation
> IEEE 802.3-compliant
> Half- and full-duplex operation
> Autonegotiation with next page ability
> Digital adaptive equalization
> Integrated wave-shaping circuitry
> Loop back modes
> Self-diagnostic capabilities
> Auto detection of link capabilities
> Enhanced interoperability
> IEEE
® 802.3-compliant MAC
> Standard Media Independent Interface (MII)
and MII management interface
> Address recognition and filtering
> Programmable MAC buffers: two receive
and one transmit
> Hardware address and Ethernet
protocol filtering
> Industry standard
> Improved interoperability
> Enhancement of CPU bandwidth
with filtering
> Full duplex and flow control


Similar Part No. - MC9S12NE64VTU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12NE64VTUE FREESCALE-MC9S12NE64VTUE Datasheet
3Mb / 554P
MC9S12NE64 Data Sheet
More results

Similar Description - MC9S12NE64VTU

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com