Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP5C2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSP5C2
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP5C2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSP5C2 Datasheet HTML 1Page - M-System Co.,Ltd. MSP5C2 Datasheet HTML 2Page - M-System Co.,Ltd. MSP5C2 Datasheet HTML 3Page - M-System Co.,Ltd. MSP5C2 Datasheet HTML 4Page - M-System Co.,Ltd. MSP5C2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MSP5C2
MSP5C2 SPECIFICATIONS
ES-4860 Rev.2 Page 1/5
http://www.m-system.co.jp/
Final Control Elements
MINI-TOP ELECTRONIC ACTUATOR
(linear type; CC-Link)
Functions & Features
• Small-size control valve actuator
• Direct connection to CC-Link capable PLC and other
devices on the same network
• Easy wired
• Uploading device information via CC-Link for maintenance
purpose
• 1/1000 high resolution
• Easy adjustment: electronic limiter at the valve open &
closed positions
• Overload protection
• Seal-spring incorporated for both directions; usable with
three-way valves
Typical Applications
• For CP control valve in paper manufacturing
• Fuel mixing control for combustion control system
• Air conditioning for buildings and factories
MODEL: MSP5C2–[1][2][3]–0R
ORDERING INFORMATION
• Code number: MSP5C2-[1][2][3]-0R
Specify a code from below for each of [1] through [3].
(e.g. MSP5C2-131-0R)
[1] STROKE
1: 5 to 10 mm (.20” to .39”)
3: 10 to 20 mm (.39” to .79”)
[2] OPERATION TIME, THRUST
3: 5 sec. / 10 mm, 150 N
4: 9 sec. / 10 mm, 300 N
7: 18 sec. / 10 mm, 700 N
[3] OUTPUT STEM TYPE
6: M6 female thread, 0.75 pitch
8: M8 female thread, 1.0 pitch
1: M10 female thread, 1.25 pitch
D: M6 female thread, 1.0 pitch
E: M8 female thread, 1.25 pitch
F: M10 female thread, 1.5 pitch
CE MARKING
0: Without
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.5 W)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Operation at a communication error: Extend, retract or stop
Electrical connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Transmission cable: Conforms to CC-Link Ver 1.10
Housing material: Diecast aluminum
(Cast aluminum for the terminal box; steel for the cover)
Drive: Stepping motor
Insulation class: E
Position detection: Potentiometer
Deadband: 0.1 – 1.9 % adjustable (factory set to 1.5 %)
Restarting timer: 0 – 10 sec. adjustable
(factory set to 1.5 sec.)
Isolation: Housing or FE1 to communication to power
Zero adjustment: 0 – 25 %
Span adjustment: 50 - 100 %
Protective functions: Overload protection
Status indicator LED: Red light blinks in 2 sec. intervals in
normal operations; blinks in 0.5 sec. intervals when a
foreign object is detected mechanically caught inside.
Manual operating handle: Not available
CC-Link COMMUNICATION
Protocol: CC-Link V1.10
Device type: Remote device station
Station No. setting: Rotary switch; 1 – 64
Required node: 1
Baud rate setting: Rotary switch
L RUN indicator: Red LED
L ERR. indicator: Red LED


Similar Part No. - MSP5C2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP5C MSYSTEM-MSP5C Datasheet
148Kb / 5P
Final Control Elements
MSP5C-131-0R MSYSTEM-MSP5C-131-0R Datasheet
148Kb / 5P
Final Control Elements
MSP5C-136-0R MSYSTEM-MSP5C-136-0R Datasheet
148Kb / 5P
Final Control Elements
MSP5C-138-0R MSYSTEM-MSP5C-138-0R Datasheet
148Kb / 5P
Final Control Elements
MSP5C-13D-0R MSYSTEM-MSP5C-13D-0R Datasheet
148Kb / 5P
Final Control Elements
More results

Similar Description - MSP5C2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com