Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPL-G35UVC275GC Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPL-G35UVC275GC
Description  Specific Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-G35UVC275GC Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPL-G35UVC275GC Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3/16
Part No. : LTPL-G35UVC275GC
BNS-OD-FC002/A4
Specific Lighting
LTPL-G35UVC275GC
4.
Electro-Optical Characteristics at Ta=25°C
Parameter
Symbol
Values
Test Condition
Unit
Forward Voltage
Vf
Max.
7.5
If = 120mA
V
Typ.
5.7
Min.
5.0
Radiant Flux
Φe
Max.
-
If = 120mA
mW
Typ.
19
Min.
14
Peak Wavelength
Wp
Max
280
If = 120mA
nm
Min
265
Thermal Resistance
(Junction-solder)
Rth j-s
Typ.
24
If = 120mA
K/W
Viewing Angle
2θ1/2
Typ.
120
If = 120mA
°
Electrostatic discharge
(ESD)
-
Max
2000
JESD22-A114-B
V
Notes:
1.
Radiant flux (Φe) is the total Radiant flux output as measured with an integrating sphere.
2.
Forward voltage (Vf) measurement tolerance is ± 0.1V
3.
Peak Wavelength measurement tolerance is ± 3nm
4.
Forward Radiant Flux measurement tolerance is ± 10%
5.
The thermal resistance is defined as the figure. Rth j-s is the thermal resistance from chip junction to solder.
Reference for thermal resistance: Using 2.0x2.0x0.17cm aluminum MCPCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com