Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48NV-2GYVC-M2/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 48NV-2GYVC-M2/Q
Description  Bargraph Indicators 48N Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NV-2GYVC-M2/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  48NV-2GYVC-M2/Q Datasheet HTML 1Page - M-System Co.,Ltd. 48NV-2GYVC-M2/Q Datasheet HTML 2Page - M-System Co.,Ltd. 48NV-2GYVC-M2/Q Datasheet HTML 3Page - M-System Co.,Ltd. 48NV-2GYVC-M2/Q Datasheet HTML 4Page - M-System Co.,Ltd. 48NV-2GYVC-M2/Q Datasheet HTML 5Page - M-System Co.,Ltd. 48NV-2GYVC-M2/Q Datasheet HTML 6Page - M-System Co.,Ltd. 48NV-2GYVC-M2/Q Datasheet HTML 7Page - M-System Co.,Ltd. 48NV-2GYVC-M2/Q Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: 48NV
48NV SPECIFICATIONS
ES-9438 Rev.13 Page 2/8
http://www.m-system.co.jp/
/CE: CE marking
Bezels
blank: Bezels for M-System’s 48 Series panel cutout
/D: Bezels for DIN panel cutout
/F: Bezels for Fuji Electric's PAJ, PAK, PBA panel cutout
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
BEZEL OPTION
Bezels are used to adapt the 48N Series to an existing panel
cutout. In order to replace M-System’s 48 Series products,
use the one attached to the 48N Series as standard. When
the existing panel is cut according to DIN standard, specify
‘/D’ suffix code.
For a new installation, no bezel is required. Please refer to
‘Mounting Requirement’ and mount the 48N directly.
Ingress protection is invalid when the 48N is mounted with a
bezel, or when multiple modules are stacked side by side.
SPARE PARTS
• Scale plate
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP65; applicable to the front panel for
single unit mounted according to the specified panel cutout
Connection: M3 separable screw terminal (torque 0.6 N·m)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input 1 to input 2 to power
Scale plate: Flame resistant resin (white scale & characters
on black base)
Scale
Characters: Max. 4 characters including decimal point and
negative sign
Divisions: Min. 22, max. 100
Engineering unit: Max. 6 characters
INPUT SPECIFICATIONS
■ DC Current: 0 – 50 mA DC; input resistor incorporated
Minimum span: 1 mA
When specifying a resistance value, choose from below.
5.1 Ω, 10 Ω, 12 Ω, 20 Ω, 39 Ω, 200 Ω
■ DC Voltage: 0 – 10 V DC
Minimum span: 0.1 V
Input resistance: ≥ 1 MΩ
Offset: Max. 1.5 times span
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA (single) or 4 VA (dual)
•DC: Approx. 1.5 W (single) or 2 W (dual)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±1 % ±1 digit
Response time: ≤ 0.5 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input 1 to input 2
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input 1 or input 2 to power:
Reinforced insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com