Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTST-008EGSW Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTST-008EGSW
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008EGSW Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTST-008EGSW Datasheet HTML 1Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 2Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 3Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4/12
Part No. : LTST-008EGSW
BNS-OD-FC002/A4
SMD LED
LTST-008EGSW
4. Bin Code List
4.1 IV Rank
Luminous Spec.
Color : Red
@20mA
Bin Code
Luminous Flux (lm)
Luminous Intensity (mcd)
Min.
Max.
Min.
Max.
F
1.12
1.80
280.0
450.0
G
1.80
2.80
450.0
710.0
H
2.80
4.50
710.0
1120.0
Tolerance on each Luminous bin is +/- 11%,
and Luminous Intensity(mcd) is for reference.
Luminous Intensity
Color : Green
@ 5mA
Bin Code
Luminous Flux (lm)
Luminous Intensity (mcd)
Min.
Max.
Min.
Max.
F
1.12
1.80
280.0
450.0
G
1.80
2.80
450.0
710.0
H
2.80
4.50
710.0
1120.0
Tolerance on each Luminous bin is +/- 11%,
and Luminous Intensity(mcd) is for reference.
Luminous Intensity
Color : Yellow
@ 20mA
Bin Code
Luminous Flux (lm)
Luminous Intensity (mcd)
Min.
Max.
Min.
Max.
D
0.45
0.71
112.0
180.0
E
0.71
1.12
180.0
280.0
F
1.12
1.80
280.0
450.0
Tolerance on each Luminous bin is +/- 11%,
and Luminous Intensity(mcd) is for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com