Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5-TTS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-TTS
Description  Remote I/O R5 Series THERMOCOUPLE INPUT MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-TTS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-TTS Datasheet HTML 1Page - M-System Co.,Ltd. R5-TTS Datasheet HTML 2Page - M-System Co.,Ltd. R5-TTS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5T-TS
R5T-TS SPECIFICATIONS
ES-6113 Rev.9 Page 2/3
http://www.m-system.co.jp/
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 110 g (0.24 lb)
PERFORMANCE
Conversion accuracy: ±0.4°C (±1°F)
Data range
°C, absolute temperature: Engineering unit value × 10
(integer)
°F: Engineering unit value (integer)
Data allocation: 1 (2 for 2-channel type)
Cold junction compensation error: ±0.5°C or ±0.9°F
(at 20°C ±10°C or 68°F ±18°F)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.2 sec. (0 – 90 %)
Burnout response time: ≤ 2 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
RUN
4
3
2
1
6
5
RUN LED
■ FRONT VIEW
■ SIDE VIEW
1
T/C
Burnout
Temp. Unit
2 3 4 5 6 7 8
Function



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com