Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE1S100BPDH Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1S100BPDH
Description  N-Channel Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1S100BPDH Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1S100BPDH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1S100BPDH Datasheet HTML 2Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACE1S100B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
⚫
DC/DC Converters in Computing, servers, POL
⚫
Isolated DC/DC Converters in Telecom and Industrial
Features
⚫
VDS=100V, ID=8.5A
⚫
RDS(ON)1@VGS = 10V, TYP 95mΩ
⚫
RDS(ON)1@VGS = 6V, TYP 106mΩ
⚫
RDS(ON)2@VGS = 4.5V, TYP 120mΩ
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)*AC
TC=25℃
ID
8.5
A
TC=100℃
6.8
Drain Current (Pulsed)*B
IDM
60
A
Power Dissipation
TC=25℃
PD
2.08
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
°C
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current r
ating is based on the t≤ 10s junction to ambient thermal resistance rating.
Thermal Resistance Ratings
Parameter
Symbol
Maximum
Unit
Maximum Junction-to-Ambient
t ≤ 10s
RthJA
25
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
6
Ordering information
ACE1S100B XX + H
PD:PDFN3*3-8L
Pb - free
Halogen - free


Similar Part No. - ACE1S100BPDH

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1S1010B ACE-ACE1S1010B Datasheet
208Kb / 2P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1S1010BPDH ACE-ACE1S1010BPDH Datasheet
208Kb / 2P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE1S100BPDH

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com