Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE1S4426B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1S4426B
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1S4426B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1S4426B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1S4426B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1S4426B Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE1S4426B
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
⚫
DC/DC Converters in Computing, Servers, and POL
⚫
Isolated DC/DC Converters in Telecom and Industrial
Features
⚫
VDS= 40V
⚫
ID = 10.6A
⚫
RDS(ON) @VGS = 10V, TYP 8mΩ
⚫
RDS(ON) @VGS = 4.5V, TYP10.5mΩ
Absolute Maximum Ratings
TA=25℃, unless otherwise noted.
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous) *AC
TA=25°C
ID
10.6
A
TA=70°C
8.5
Drain Current (Pulse) *B
IDM
42
A
Power Dissipation
TA=25°C
PD
2
W
Operating Temperature/ Storage Temperature
TJ//TSTG
-55~150
°C
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t
≤ 10s junction to ambient thermal resistance rating.
Thermal Resistance Ratings
Parameter
Symbol
Typical
Unit
Maximum Junction-to-Ambient
t
≤ 10s
RthJA
62.5
°C/W


Similar Part No. - ACE1S4426B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1S4816B ACE-ACE1S4816B Datasheet
233Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1S4816BFMH ACE-ACE1S4816BFMH Datasheet
233Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE1S4426B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com