Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE2N7002KU Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE2N7002KU
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2N7002KU Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE2N7002KU Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 8Page - ACE Technology Co., LTD. ACE2N7002KU Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACE2N7002KU
N-Channel Enhancement Mode MOSFET
VER 1.1
5
Electrical Characteristics
TA=25℃, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250 uA
60
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250uA
1.0
1.7
2.5
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±30
uA
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V, TJ=25℃
10
uA
VDS=48V, VGS=0V, TJ=70℃
100
Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=0.5A
2.0
Ω
VGS=4.5V, ID=0.2A
4.0
Forward Trans Conductance
gfs(1)
VDS=10V, ID=0.6A
0.6
S
Diode Forward Voltage
VSD(1)
VGS=0V, IS=-0.45A
1.2
V
Dynamic
Total Gate Charge
Qg
VDD=50V, VGS=4.5V, ID
≡0.6A
1.0
1.6
nC
Gate-Source Charge
Qgs
0.5
Gate-Drain Charge
Qgd
0.5
Input Capacitance
Ciss
VDS = 25V, f = 1 MHz, VGS = 0
32
50
pF
Output Capacitance
Coss
8
Reverse Transfer Capacitance
Crss
6
Turn-On Time
td(on)
VDD=30V, ID
≡0.6A, R
G=3.3
Ω,
VGS=10V, RD=52
Ω
12
ns
tr
10
Turn-Off Time
td(off)
56
tf
29
(1)
Pulsed: Pulse duration = 300 μs, duty cycle 1.5%.
(2)
Pulse width limited by safe operating area.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com