Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OQT150-R100-EP-IO-V3 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OQT150-R100-EP-IO-V3
Description  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT150-R100-EP-IO-V3 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OQT150-R100-EP-IO-V3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT150-R100-EP-IO-V3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT150-R100-EP-IO-V3 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT150-R100-EP-IO-V3 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT150-R100-EP-IO-V3 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT150-R100-EP-IO-V3
4
indicate that this procedure has been completed. Successful resetting is indicated by alternating flashing (2.5 Hz) of the yellow and green LEDs.
Resetting to Factory Default Settings
Press the „TI“ button for > 10 s in rotary switch position ‚O' to reset to factory default settings. The yellow and green LEDs go out simultaneously
to indicate the resetting.
Resetting process starts when the "TI" button is released and is indicated by the yellow LED. After the process the sensor works with factory
default settings, immediately.
OMT:
• Factory default settings switch signal Q1:
Switch signal active, window mode
• Factory default settings switch signal Q2:
Switch signal active, window mode
OQT:
• Factory default settings switch signal Q1:
Switch signal active, BGS mode (background suppression)
• Factory default settings switch signal Q2:
Switch signal active, BGS mode (background suppression)
Configuring different operating modes via the IO-Link interface
The devices are equipped with an IO-Link interface as standard for diagnostics and parameterization tasks to ensure optimum
adjustment of the sensors to the relevant application. Four different operating modes can be set, among other features:
Background suppression operating mode (one switch point):
• Detection of objects irrespective of type and color in a defined detection range. Objects in the background are suppressed.
Background evaluation operating mode (one switch point):
• Detection of objects irrespective of type and color against a defined background. Reliable detection of objects at close range (detection range
>= 0 mm). The background serves as reference.
Single point mode operating mode (one switch point):
• Detection of objects irrespective of type and color in a defined detection range. Objects in the background are suppressed.
• The switch point corresponds exactly to the set point.
Window mode operating mode (two switch points):
• Detection of objects irrespective of type and color in a defined detection range. Reliable detection when object leaves the detection range.
• Window mode with two switch points.
Center window mode operating mode (one switch point):
• Detection of objects irrespective of type and color in a defined detection range. Sets a defined window around a given object. Objects outside
this window are not detected.
• Window mode with one switch point.
Two point mode operating mode (hysteresis operating mode):
• Detection of objects irrespective of type and color between a defined switch-on and switch-off point.
Inactive operating mode:
Configuration via IO-Link interface
active detection range
Background
suppression
active detection range
Background evaluation
active detection range
Background
suppression
active detection range
Background suppression
Foreground suppression
active detection range
Background suppression
Foreground suppression
active detection range
Hysteresis
Output
Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com