Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OQT400-R200-2EP-IO-V1 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OQT400-R200-2EP-IO-V1
Description  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT400-R200-2EP-IO-V1 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OQT400-R200-2EP-IO-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V1 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V1 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT400-R200-2EP-IO-V1
3
Teach-In (TI)
Use the rotary switch for switching signal Q1 or Q2 to select the relevant switching threshold A and/or B to teach in.
• The yellow LEDs indicate the current state of the selected output.
To teach in a switching threshold, press and hold the "TI" button for approximately 1 s, until the yellow and green LEDs flash in phase. Teach-in
starts when the "TI" button is released.
• Teach-in successful: the yellow and green LEDs flash alternately at 2.5 Hz.
• Teach-in unsuccessful: the yellow and green LEDs quickly flash alternately at 8 Hz.
After an unsuccessful Teach-in, the sensor continues to operate with the previous valid setting after the relevant visual fault signal is issued.
Set switching mode: you can define different switching modes by teaching in the relevant distance data for switching thresholds A and B.
1. Single point mode:
Approvals and certificates
UL approval
E87056 , cULus Listed , class 2 power supply , type rating 1
CCC approval
CCC approval / marking not required for products rated ≤36 V
Curves/Diagrams
Settings
X
0
50
100
150
200
250
300
350
400
8
6
4
2
0
-2
-4
-6
-8
Distance X [mm]
Offset Y [mm]
Characteristic response curve
white 90 %
grey 18 %
black 6 %
X
white
grey
black
Distance X [mm]
Object colour
Detection ranges
0
40
80
120
160
200
240
280
320
360
400
B
A leer
A
B leer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com