Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OQT400-R200-2EP-IO-V31 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OQT400-R200-2EP-IO-V31
Description  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT400-R200-2EP-IO-V31 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OQT400-R200-2EP-IO-V31 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V31 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V31 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V31 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT400-R200-2EP-IO-V31 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT400-R200-2EP-IO-V31
2
Technical data
General specifications
Detection range
40 ... 400 mm
Detection range min.
40 ... 100 mm
Detection range max.
40 ... 400 mm
Adjustment range
100 ... 400 mm
Reference target
standard white, 100 mm x 100 mm
Light source
LED
Light type
modulated visible red light
LED risk group labelling
exempt group
Black/White difference (6 %/90 %)
< 5 %
Diameter of the light spot
approx. 15 mm at a distance of 400 mm
Angle of divergence
approx. 2.5 °
Ambient light limit
EN 60947-5-2 : 70000 Lux
Functional safety related parameters
MTTFd
600 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green:
constantly on - power on
flashing (4Hz) - short circuit
flashing with short break (1 Hz) - IO-Link mode
Function indicator
LED yellow:
constantly on - switch output active
constantly off - switch output inactive
Control elements
Teach-In key
Control elements
5-step rotary switch for operating modes selection
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Ripple
max. 10 %
No-load supply current
I0
< 25 mA at 24 V supply voltage
Protection class
III
Interface
Interface type
IO-Link ( via C/Q = pin 4 )
Device profile
Identification and diagnosis
Smart Sensor type 0
Transfer rate
COM 2 (38.4 kBaud)
IO-Link Revision
1.1
Min. cycle time
2.3 ms
Process data witdh
Process data input 2 Bit
Process data output 2 Bit
SIO mode support
yes
Device ID
0x111801 (1120257)
Compatible master port type
A
Output
Switching type
The default setting is:
C/Q - Pin4: NPN normally open, PNP normally closed, IO-Link
Q2 - Pin2: NPN normally open, PNP normally closed
Signal output
2 push-pull (4 in 1)outputs, short-circuit protected, reverse
polarity protected, overvoltage protected
Switching voltage
max. 30 V DC
Switching current
max. 100 mA , resistive load
Usage category
DC-12 and DC-13
Voltage drop
Ud
≤ 1.5 V DC
Switching frequency
f
217 Hz
Response time
2.3 ms
Conformity
Communication interface
IEC 61131-9
Product standard
EN 60947-5-2
Ambient conditions
Ambient temperature
-40 ... 60 °C (-40 ... 140 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Housing width
15 mm
Housing height
50.6 mm
Housing depth
41.7 mm
Degree of protection
IP67 / IP69 / IP69K
Connection
4-pin, M8 x 1 connector, 90° rotatable
Material
Housing
PC (Polycarbonate)
Optical face
PMMA
Mass
approx. 35 g
Other suitable accessories can be found at
www.pepperl-fuchs.com
Accessories
IO-Link-Master02-USB
IO-Link master, supply via USB port or
separate power supply, LED indicators,
M12 plug for sensor connection
V31-GM-2M-PUR
Female cordset single-ended, M8, 4-pin,
PUR cable
V31-WM-2M-PUR
Female cordset single-ended, M8, 4-pin,
PUR cable
OMH-MLV12-HWK
Mounting bracket for series MLV12
sensors
OMH-R200-01
Mounting aid for round steel ø 12 mm or
sheet 1.5 mm ... 3 mm
OMH-R20x-Quick-Mount
Quick mounting accessory
OMH-MLV12-HWG
Mounting bracket for series MLV12
sensors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com