Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6006 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6006
Description  1 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6006 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6006 Datasheet HTML 3Page - Microchip Technology MCP6006 Datasheet HTML 4Page - Microchip Technology MCP6006 Datasheet HTML 5Page - Microchip Technology MCP6006 Datasheet HTML 6Page - Microchip Technology MCP6006 Datasheet HTML 7Page - Microchip Technology MCP6006 Datasheet HTML 8Page - Microchip Technology MCP6006 Datasheet HTML 9Page - Microchip Technology MCP6006 Datasheet HTML 10Page - Microchip Technology MCP6006 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006411B-page 7
MCP6006/6R/6U/7/9
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/4, VOUT = VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
2.2
Other DC Voltages and Currents
FIGURE 2-12:
Quiescent Current vs.
Ambient Temperature.
FIGURE 2-13:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-14:
Quiescent Current vs.
Common-Mode Input Voltage.
FIGURE 2-15:
Output Short-Circuit Current
vs. Power Supply Voltage.
FIGURE 2-16:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-17:
Output Voltage Headroom
vs. Output Current.
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = +5.5V
Per Amplifier
V
DD = +1.8V
0
10
20
30
40
50
60
70
80
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Supply Voltage (V)
Per Amplifier
T
A = -40°C
T
A = +25°C
T
A = +85°C
T
A = +125°C
0
10
20
30
40
50
60
70
80
90
100
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Common Mode Input Voltage (V)
Per Amplifier
V
DD = 1.8V
V
DD = 5.5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Power Supply Voltage (V)
+125ᵒC
+85ᵒC
+25ᵒC
-40ᵒC
0
50
100
150
200
250
300
350
400
0.0
1.0
2.0
3.0
4.0
Output Current Magnitude (mA)
V
DD -VOH
V
DD = 1.8V
V
OL -VSS
0
50
100
150
200
250
300
0.0
2.0
4.0
6.0
8.0
10.0
Output Current Magnitude (mA)
V
DD -VOH
V
DD = 5.5V
V
OL -VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com