Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP33151D-05T-E/MS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP33151D-05T-E/MS
Description  1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP33151D-05T-E/MS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP33151D-05T-E/MS Datasheet HTML 9Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 10Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 11Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 12Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 13Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 14Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 15Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 16Page - Microchip Technology MCP33151D-05T-E/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
 2019 Microchip Technology Inc.
DS20006219A-page 13
MCP33151D/41D-XX
Note:
Unless otherwise specified, all parameters apply for TA =+25°C, AVDD =1.8V, DVIO =3.3V, VREF =5V,
GND = 0V, Differential Analog Input (VIN) = -1 dBFS, fIN =10kHz, CLOAD_SDO =20pF.
MCP33151D-10: Sample Rate (fS) = 1 Msps, SPI Clock Input = 60 MHz.
MCP33151D-05: Sample Rate (fS) = 500 kSPS, SPI Clock Input = 30 MHz.
FIGURE 2-13:
SNR/SINAD/ENOB vs.
Reference Voltage.
FIGURE 2-14:
SNR/SINAD vs.
Temperature: VREF = 5V.
FIGURE 2-15:
THD/SFDR vs.
Temperature: VREF = 5V.
FIGURE 2-16:
THD/SFDR vs. Reference
Voltage.
FIGURE 2-17:
SNR/SINAD vs.
Temperature: VREF = 1.8V.
FIGURE 2-18:
THD/SFDR vs.
Temperature: VREF = 1.8V.
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
75
77.5
80
82.5
85
12
12.5
13
13.5
14
SNR (dB)
SINAD(dB)
ENOB
-50
0
50
100
150
Temperature (°C)
83.6
83.7
83.8
83.9
84
84.1
SNR (dB)
SINAD(dB)
V
REF
= 5V
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
-108
-107
-106
-105
108
110
112
114
THD(dB)
SFDR(dB)
V
REF
= 5V
2345
Reference Voltage (V)
-110
-105
-100
-95
95
100
105
110
THD (dB)
SFDR(dB)
-50
0
50
100
150
Temperature (°C)
78.4
78.6
78.8
79
79.2
79.4
79.6
79.8
SNR (dB)
SINAD(dB)
V
REF
= 1.8V
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
-100
-99
-98
-97
-96
-95
-94
-93
96
97
98
99
100
101
102
103
THD(dB)
SFDR(dB)
V
REF
= 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com