Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PROSCAN-T-3529 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PROSCAN-T-3529
Description  Active infrared scanner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PROSCAN-T-3529 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PROSCAN-T-3529 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
19
29
147
132
102.5
Technical Data
General specifications
Detection field
total field: 2300 mm x 80 mm
left/right field: 1150 mm x 80 mm
center field: 1000 mm x 80 mm || (installation height: 2 m)
Light source
12 x IRED
Light type
modulated infrared light
Teach-in time
approx. 4 s
Open time
3 s /10 s, programmable
Functional safety related parameters
MTTFd
630 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
60 %
Indicators/operating means
Function indicator
LED red: on for object detection, flashes during teaching phase
Control elements
Programmble switch for switching type, open time, detection field
Factory setting
Right-field sensing with 6 beams
Electrical specifications
Operating voltage
UB
12 ... 38 V DC
Ripple
10 %
No-load supply current
I0
100 mA
Output
Switching type
Output active / inactive programmable
Signal output
1 PNP, short-circuit protected, reverse polarity protected, open collector
Active infrared scanner
PROSCAN-T-3529
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com