Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBG5000-R100-E5F-IO-V31 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBG5000-R100-E5F-IO-V31
Description  Retroreflective sensor (glass)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBG5000-R100-E5F-IO-V31 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBG5000-R100-E5F-IO-V31 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBG5000-R100-E5F-IO-V31 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Connection Assignment
1
L+
L-
4
2
3
Alarm
C/Q
Connection Assignment
1
3
2
4
1
BN
2
WH
3
BU
4
BK
Wire colors in accordance with EN 60947-5-2
(brown)
(white)
(blue)
(black)
Assembly
1
Teach-in button
2
Mode rotary switch
3
Operating indicator / dark on
4
Signal indicator
5
Operating indicator / light on
N
Normal mode
I
10 % contrast detection
II
18 % contrast detection
III
40 % contrast detection
L/D Switching type
0
Keylock
3
4
5
1
2
N
I
II
III
L/D
0
Retroreflective sensor (glass)
OBG5000-R100-E5F-IO-V31
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com