Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DAE4A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIMXRT8024DAE4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DAE4A Datasheet(HTML) 1 Page - NXP Semiconductors

  PIMXRT8024DAE4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DAE4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMXRT1015IEC
Rev. 2, 03/2021
MIMXRT1015CAF4A
Package Information
Plastic Package
100-Pin LQFP, 14 x 14 mm, 0.5 mm pitch
Ordering Information
See Table 1 on page 4
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
© 2019-2021 NXP B.V.
1
i.MX RT1015 introduction
The i.MX RT1015 is a processor of i.MX RT family
featuring NXP’s advanced implementation of the Arm®
Cortex®-M7 core, which operates at speeds up to 396
MHz to provide high CPU performance and real-time
response.
The i.MX RT1015 processor has 128 KB on-chip RAM,
which can be flexibly configured as TCM or
general-purpose on-chip RAM. The i.MX RT1015
integrates advanced power management module with
DCDC and LDO that reduces complexity of external
power supply and simplifies power sequencing. The
i.MX RT1015 also provides various memory interfaces,
including Quad SPI, and a wide range of connectivity
interfaces including UART, SPI, I2C, and USB; for
connecting peripherals including Bluetooth™, and GPS.
The i.MX RT1015 also has rich audio features, including
SPDIF and I2S audio interface. Various analog IP
integration, including ADC, temperature sensor, etc.
i.MX RT1015 Crossover
Processors Data Sheet
for Industrial Products
1. i.MX RT1015 introduction . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 4
2. Architectural overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3. Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3.1. Special signal considerations . . . . . . . . . . . . . . . 12
3.2. Recommended connections for unused analog
interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4. Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 14
4.1. Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 14
4.2. System power and clocks . . . . . . . . . . . . . . . . . . 20
4.3. I/O parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 25
4.4. System modules . . . . . . . . . . . . . . . . . . . . . . . . . 31
4.5. External memory interface . . . . . . . . . . . . . . . . . 36
4.6. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
4.7. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
4.8. Communication interfaces . . . . . . . . . . . . . . . . . . 51
4.9. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
5. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 57
5.1. Boot mode configuration pins . . . . . . . . . . . . . . . 57
5.2. Boot device interface allocation . . . . . . . . . . . . . . 57
6. Package information and contact assignments . . . . . . . 60
6.1. 14 x 14 mm package information . . . . . . . . . . . . 60
7. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67


Similar Part No. - PIMXRT8024DAE4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMXRT8024DAE4A NXP-PIMXRT8024DAE4A Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
PIMXRT8024DAE4A NXP-PIMXRT8024DAE4A Datasheet
1Mb / 100P
i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
PIMXRT8024DAE4A NXP-PIMXRT8024DAE4A Datasheet
1Mb / 102P
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
PIMXRT8024DAE4A NXP-PIMXRT8024DAE4A Datasheet
1Mb / 115P
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
PIMXRT8024DAE4A NXP-PIMXRT8024DAE4A Datasheet
2Mb / 119P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 4, 04/2024
More results

Similar Description - PIMXRT8024DAE4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1160IEC NXP-IMXRT1160IEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 04/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com