Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-NP1L3/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-NP1L3/CE
Description  Remote I/O R3 Series PROFIBUS-DP INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NP1L3/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-NP1L3/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-NP1L3/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-NP1L3/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-NP1L3/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-NP1L3/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R3-NP1
R3-NP1 SPECIFICATIONS
ES-8418 Rev.15 Page 5/5
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
2
3
4
5
6
27.5 [1.08]
109 [4.29]
6.1
[.24]
POSITIONING
GUIDE
TERMINAL
COVER
6–M3
SCREW
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
INTERNAL POWER
INTERNAL BUS
DIP SW
LED
CONFIGURATION JACK
Isolation
Control
Circuit
Communication
Circuit
JACK
*Not provided with ‘No Power Supply’ type module.
1
4
RUN
+
RUN
–
RUN CONTACT OUTPUT
2
3
6
U (+)
V (–)
FG
POWER INPUT
5
*
*
*
ROTARY SW
PROFIBUS
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com