Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-NFL1/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-NFL1/Q
Description  Remote I/O R3 Series FL-net INTERFACE MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NFL1/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-NFL1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 7Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 8Page - M-System Co.,Ltd. R3-NFL1/Q Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MODEL: R3-NFL1
R3-NFL1 SPECIFICATIONS
ES-8426 Rev.14 Page 6/9
https://www.m-system.co.jp/
■ COMMON MEMORY AREA 2
The following shows the data transmitted to the common memory area 2 from the network module.
• R3-NFLBLD Setting Example
Address
I/O module/ch
Description
0x0000 <== DI02.01 ... 16
Transmitting the R3-DA16 ch.1 through ch.16 data to the common memory area 2,
address 0x0000
0x0001 <== AO03.01
Transmitting the R3-YV4 ch.1 data to the common memory area 2, address 0x0001
0x0002 <== DO04.01 ... 16
Transmitting the R3-DC16 ch.1 through ch.16 data to the common memory area 2,
address 0x0002
• Data Frame
0
15
+0
+2
Module 2, Ch. 1...16
Module 3, Ch. 1
Module 4, Ch. 1...16
Top
Address
■ OUTPUT MODULE
The output data at designated addresses of the common memory area are transmitted to the R3 series output modules.
• R3-NFLBLD Setting Example
I/O module/ch
Address
Description
< Module 3 >
AO03.01
<== 1-0x0000
Transmitting the data at the common memory area 1, address 0x0000 (R3-SV4 ch.1) to
the R3-YV4 ch.1
AO03.02
<== 1-0x0001
Transmitting the data at the common memory area 1, address 0x0001 (R3-SV4 ch.2) to
the R3-YV4 ch.2
AO03.03
<== 1-0x0002
Transmitting the data at the common memory area 1, address 0x0002 (R3-SV4 ch.3) to
the R3-YV4 ch.3
< Module 4 >
DO04.01
<== 2-0x0000-16
Transmitting the data at the common memory area 2, address 0x0000, 16th bit
(R3-DA16 ch.16) to the R3-DC16 ch.1
Note: When output data is allocated from the common memory, be sure to mount an output module.
Otherwise, an internal bus error is detected and PWR LED turns off.
MODULE STATUS, MODULE ERROR, DATA ERROR, SOURCE NODE ERROR
0
15
Module 1
Module 2
Module 3
:
Module 16
Shows each module's availability and error status.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com