Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-NF1-L3/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3-NF1-L3/Q
Description  Remote I/O R3 Series T-Link INTERFACE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NF1-L3/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3-NF1-L3/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-NF1-L3/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-NF1-L3/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-NF1-L3/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-NF1-L3/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-NF1-L3/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-NF1-L3/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R3-NF1
R3-NF1 SPECIFICATIONS
ES-8429 Rev.10 Page 4/7
http://www.m-system.co.jp/
■ WITH STATUS DATA (SW3-3: ON)
• I/O type: Input
Status data is assigned to the last 2 words.
Data of the slots 6 and 7 is unable.
• I/O type: Input/Output Mixed
Status data is assigned to the last 2 words of the input area.
Data on the words 3 and 4 of the slot 2 is unable.
• I/O type: Output
Status data cannot be assigned because there is no input data.
For output only, operate without status area.
• Module Status indicates whether individual I/O modules are mounted or not. The bit corresponding to the mounted slot
turns to “1,” and the unmounted slot to “0.”
• Error Status indicates error status for each module as described below. The bit corresponding to such module turns to “1.”
R3-TSx, R3-RSx, R3-US4 (T/C, RTD input): Input burnout
R3-DA16A: Power input in error or disconnected
R3-YSx: Output current error (e.g. load unconnected)
R3-PC16A: External power supply in error or disconnected
Every module which input is less than -15% or more than +115%
R3-US4 (voltage input): out of -10% to +110% input.
0
15
+0
Slot 1
+2
+4
+6
+8
+10
+12
+14
Slot 2
Input
(8 points)
Output
(8 points)
Slot 3
Slot 4
Slot 5
Slot 6
Slot 7
0
15
+0
Slot 1
+2
+4
+6
+8
+10
+12
+14
Slot 2
Slot 3
Module Status
Error Status
Slot 4
Slot 5
Begin
Address
Begin
Address
Module Status
Error Status



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com