Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-GGLMP/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-GGLMP/Q
Description  Remote I/O R3 Series INTERFACE I/O MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GGLMP/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-GGLMP/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 7Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 8Page - M-System Co.,Ltd. R3-GGLMP/Q Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MODEL: R3-GSLMP1
R3-GSLMP1 SPECIFICATIONS
ES-8275 Rev.2 Page 5/10
https://www.m-system.co.jp/
· Device: Commands to read from/write in the device (Refer to the following table for available device types)
AVAILABLE DEVICE TYPES
AI / AO 32 bit
AI / AO 16 bit
DI / DO 32 bit
DI / DO 16 bit
SD: Special Register
SD: Special Register
SM: Special relay
SM: Special relay
D: Data Register
D: Data Register
X: Input
X: Input
W: Link Register
W: Link Register
Y: Output
Y: Output
TN: Timer, Current value
TN: Timer, Current value
M: Internal relay
M: Internal relay
STN: Retentive timer, Current value
STN: Retentive timer, Current value
L: Latch relay
L: Latch relay
CN: Counter, Current value
CN: Counter, Current value
F: Annunciator
F: Annunciator
SW, Link special Register
SW, Link special Register
V: Edge relay
V: Edge relay
Z: Index Register
Z: Index Register
B: Link relay
B: Link relay
R: File Register
R: File Register
----
S: STEP RELAY
ZR: File Register
ZR: File Register
TS: Timer, Contact
TS: Timer, Contact
RD: Module refresh Register
----
TC: Timer, Coil
TC: Timer, Coil
LTS: Long timer, Contact
----
LTC: Long timer, Coil
----
STS: Retentive timer, Contact
STS: Retentive timer, Contact
STC: Retentive timer, Coil
STC: Retentive timer, Coil
LSTS: Long retentive timer, Contact
----
LSTC: Long retentive timer, Coil
----
CS: Counter, Contact
CS: Counter, Contact
CC: Counter, Coil
CC: Counter, Coil
LCS: Long counter, Contact
LCS: Long counter, Contact
LCC: Long counter, Coil
LCC: Long counter, Coil
SB: Link special relay
SB: Link special relay
Max. 16 points of analog input/output and max. 16 points of digital input/output can be allocated per a virtual module. Set the data
allocation to 16 for the slot with the virtual analog input/output module, and set 1 for the slot with virtual digital input/output module by data
allocation mode of the R3 Interface module.
Note: Numbers of transmittable data is limited by number of channel and virtual module. R3-GSLMP1 can transmitted max. 128 channels
or 16 virtual modules. Even though the total number of channels is less than 128, if the total number of virtual modules is 16,
number of channel cannot be increased.
Do not mount any modules in the slots which are occupied by virtual modules. If a real I/O module is mounted in the slot, an internal
bus error occurs and the ERR LED turns on. Max. 16 real I/O modules and virtual modules are available. The R3 interface module
can not read the data for more than 16 modules.
Details are explained in “■ Number of the modules and the address allocation” on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com