| Electronic Components Datasheet Search |
|
IRKT/7210AS90 Datasheet(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRKT/7210AS90 Datasheet(HTML) 4 Page - International Rectifier |
|
4 / 10 page ![]() IRK.71, .91 Series 4 Bulletin I27132 rev. H 10/02 www.irf.com Outline Table Dimensions are in millimeters and [inches] IRK T 91 / 16 A S90 Device Code 1 2 3 4 5 1 - Module type 2 - Circuit configuration (See Circuit Configuration table below) 3 - Current code * * 4 - Voltage code (See Voltage Ratings table) 5 - A : Gen V 6 - dv/dt code: S90 = dv/dt 1000 V/µs No letter = dv/dt 500 Vµs Ordering Information Table 6 * * Available with no auxiliary cathode. To specify change: 71 to 72 91 to 92 e.g. : IRKT92/16A etc. IRK.92 types With no auxiliary cathode NOTE: To order the Optional Hardware see Bulletin I27900 + K2 G2 - K1 G1 ~ (1) (2) (3) (4) (5) (7) (6) + - K1 G1 ~ (1) (2) (3) (4) (5) + - ~ (1) (2) (3) K2 (7) G2 (6) IRKT IRKH IRKL IRKN + - K1 G1 + (1) (2) (3) (4) (5) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |