| Electronic Components Datasheet Search |
|
IRKT/7116AS90 Datasheet(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRKT/7116AS90 Datasheet(HTML) 7 Page - International Rectifier |
|
7 / 10 page ![]() IRK.71, .91 Series 7 Bulletin I27132 rev. H 10/02 www.irf.com Fig. 11 - Current Ratings Characteristics Fig. 10 - Current Ratings Characteristics 70 80 90 100 110 120 130 0 20 40 60 80 100 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Angle IRK.91.. Series R (DC) = 0.27 K/W thJC 70 80 90 100 110 120 130 0 20 40 60 80 100 120 140 160 DC 30° 60° 90° 120° 180° Average On-state Current (A) Conduction Period IRK.91.. Series R (DC) = 0.27 K/W thJC Fig. 14 - Maximum Non-Repetitive Surge Current Fig. 15 - Maximum Non-Repetitive Surge Current Fig. 13 - On-state Power Loss Characteristics Fig. 12 - On-state Power Loss Characteristics 0 20 40 60 80 100 120 140 0 2040 6080 100 RMS Limit Conduction Angle Average On-state Current (A) 180° 120° 90° 60° 30° IRK.91.. Series Per Junction T = 125°C J 0 20 40 60 80 100 120 140 160 180 0 20 40 60 80 100 120 140 160 DC 180° 120° 90° 60° 30° RMS Limit Conduction Period Average On-state Current (A) IRK.91.. Series Per Junction T = 125°C J 700 800 900 1000 1100 1200 1300 1400 1500 1600 110 100 Number Of Equal Amplitude Half Cycle Current Pulses (N) Initial T = 125°C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s J At Any Rated Load Condition And With Rated V Applied Following Surge. RRM IRK.91.. Series Per Junction 600 800 1000 1200 1400 1600 1800 0.01 0.1 1 Pulse Train Duration (s) Versus Pulse Train Duration. Control Initial T = 125°C No Voltage Reapplied Rated V Reapplied RRM J Of Conduction May Not Be Maintained. Maximum Non Repetitive Surge Current IRK.91.. Series Per Junction |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |