Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBP120-R100-2EP-IO-V31-L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBP120-R100-2EP-IO-V31-L
Description  Trigger marks sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBP120-R100-2EP-IO-V31-L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBP120-R100-2EP-IO-V31-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-V31-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-V31-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-V31-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-V31-L Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-V31-L Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBP120-R100-2EP-IO-V31-L Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Trigger marks sensor
OBP120-R100-2EP-IO-V31-L
< Miniature design with versatile mounting options
< For detecting black trigger marks on a white background
< DuraBeam Laser Sensors - durable and employable like an LED
< Extended temperature range
-40 °C ... 60 °C
< High degree of protection IP69K
< IO-Link interface for service and process data
Laser trigger marks sensor
Function
The R100 series miniature optical sensors are the first devices of their kind to offer an endto- end solution in a small single standard design —
from thru-beam sensor through to a distance measurement device. As a result of this design, the sensors are able to perform practically all
standard automation tasks.
The entire series enables sensors to communicate via IO-Link.
The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor.
The use of Multi Pixel Technology gives the standard sensors a high level of flexibility and enables them to adapt more effectively to their
operating environment.
Safety Information
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OBP120-R100-2EP-IO-V31-L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBP120-R100-2EP-IO-L PF-OBP120-R100-2EP-IO-L Datasheet
489Kb / 4P
Laser trigger marks sensor
More results

Similar Description - OBP120-R100-2EP-IO-V31-L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCYS5201 VISHAY-TCYS5201 Datasheet
49Kb / 5P
Transmissive Optical Sensor with Schmitt Trigger Logic Output
08-Jun-99
TCYS6201 VISHAY-TCYS6201 Datasheet
48Kb / 5P
Transmissive Optical Sensor with Schmitt Trigger Logic Output
08-Jun-99
logo
Rectron Semiconductor
DB3S RECTRON-DB3S Datasheet
173Kb / 4P
TRIGGER DIODES
logo
Molex Electronics Ltd.
69127-1170 MOLEX11-69127-1170 Datasheet
59Kb / 1P
This sensor is used to detect cable insertion and trigger termination
logo
TE Connectivity Ltd
C-293308 TEC-C-293308 Datasheet
253Kb / 2P
REVISED MARKS ON -5 WAS MARKED AC
logo
Feeling Technology Corp...
FS200 FEELING-FS200 Datasheet
227Kb / 12P
The Fig 2 is the hall sensor location, where marks the IC number
FS209 FEELING-FS209 Datasheet
216Kb / 12P
The Fig 2 is the hall sensor location, where marks the IC number
logo
Pepperl+Fuchs Inc.
OBP120-R100-2EP-IO-L PF-OBP120-R100-2EP-IO-L Datasheet
489Kb / 4P
Laser trigger marks sensor
OBP120-R100-EP-IO-V3-L PF-OBP120-R100-EP-IO-V3-L Datasheet
528Kb / 4P
Laser trigger marks sensor
logo
Omron Electronics LLC
E3XR-GM OMRON-E3XR-GM Datasheet
303Kb / 3P
Detect Register Marks for Packaging.
2008.9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com