Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBR12M-R101-2EP1-IO-V31-L Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OBR12M-R101-2EP1-IO-V31-L
Description  Laser retroreflective sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBR12M-R101-2EP1-IO-V31-L Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OBR12M-R101-2EP1-IO-V31-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBR12M-R101-2EP1-IO-V31-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBR12M-R101-2EP1-IO-V31-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBR12M-R101-2EP1-IO-V31-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBR12M-R101-2EP1-IO-V31-L Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBR12M-R101-2EP1-IO-V31-L Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBR12M-R101-2EP1-IO-V31-L Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Dimensions
3
6.4
ø 3
.2
(2x)
8
18.3
20.5
6.6
9.85
M8x1
M2 (2x)
Emitter
Receiver
Technical Data
General specifications
Effective detection range
0 ... 12 m
Reflector distance
0.2 ... 12 m
Threshold detection range
15 m
Reference target
H50 reflector
Light source
laser diode
Light type
modulated visible red light
Polarization filter
yes
Laser nominal ratings
Note
LASER LIGHT , DO NOT STARE INTO BEAM
Laser class
1
Wave length
680 nm
Beam divergence
> 5 mrad d63 < 2 mm in the range of 250 mm ... 750 mm
Pulse length
1.6 µs
Repetition rate
max. 17.6 kHz
max. pulse energy
9.6 nJ
Diameter of the light spot
approx. 30 mm at a distance of 12 m
Angle of divergence
approx. 0.3 °
Ambient light limit
EN 60947-5-2
Functional safety related parameters
MTTFd
672 a
Mission Time (TM)
20 a
Laser retroreflective sensor
OBR12M-R101-2EP1-IO-V31-L
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com