Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-PD16A Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-PD16A
Description  Remote I/O R3 Series ONE-SHOT PULSE OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-PD16A Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-PD16A Datasheet HTML 1Page - M-System Co.,Ltd. R3-PD16A Datasheet HTML 2Page - M-System Co.,Ltd. R3-PD16A Datasheet HTML 3Page - M-System Co.,Ltd. R3-PD16A Datasheet HTML 4Page - M-System Co.,Ltd. R3-PD16A Datasheet HTML 5Page - M-System Co.,Ltd. R3-PD16A Datasheet HTML 6Page - M-System Co.,Ltd. R3-PD16A Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R3-PD16A
R3-PD16A SPECIFICATIONS
ES-8397 Rev.6 Page 2/7
https://www.m-system.co.jp/
Maximum load current: 0.1 A per point
Maximum rush current: 0.5 A for max. 10 msec.
Maximum leak current at OFF: 0.1 mA
Maximum voltage drop at ON: 0.6 V DC typical; 1.2 V DC
max.
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Output ON time accuracy:
±10 % for 1 sec. or less setting;
±0.1 sec. for 1 sec. or more setting
Data allocation: 1
Current consumption: 100 mA
Response time: ≤ 0.1 sec. (delay)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(output to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■OUTPUT HOLD or OUTPUT OFF
In normal conditions, the module outputs the signal from
the preferred bus A.
When an error is detected, the output is switched to the
data from the bus B.
• Output Hold
If both are in error, the module holds the signal and stands
by until one of the communications recovers.
• Output OFF
If both are in error, the module outputs OFF signals and
stands by until one of the communications recovers.
At the startup, it outputs OFF until the communication is
established and normal data is received.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com