Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMS8N65D Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HMS8N65D
Description  N-Channel Super Junction Power MOSFET ?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HMS8N65D Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HMS8N65D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HMS8N65D Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HMS8N65D, HMS8N65, HMS8N65F
Page 2
v1.0
Parameter
Symbol
HMS8N65D
HMS8N65
HMS8N65F
Unit
Drain Source voltage slope, VDS ≤480 V,
dv/dt
50
V/ns
Reverse diode dv/dt,VDS ≤480 V,ISD<ID
dv/dt
15
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55...+150
°C
* limited by maximum junction temperature
Table 2. Thermal Characteristic
Parameter
Symbol
HMS8N65D
HMS8N65
HMS8N65F
Unit
Thermal Resistance,Junction-to-Case(Maximum)
RthJC
1.56
3.94
°C /W
Thermal Resistance,Junction-to-Ambient (Maximum)
RthJA
62
80
°C /W
Table 3. Electrical Characteristics (TA=25
℃unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max
Unit
On/off states
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
650
V
Zero Gate Voltage Drain Current(Tc=25
℃)
IDSS
VDS=650V,VGS=0V
1
μA
Zero Gate Voltage Drain Current(Tc=125
℃)
IDSS
VDS=650V,VGS=0V
100
μA
Gate-Body Leakage Current
IGSS
VGS=±30V,VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2.5
3
3.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4A
480
540
mΩ
Dynamic Characteristics
Forward Transconductance
gFS
VDS = 20V, ID = 4A
5.5
S
Input Capacitance
Clss
680
pF
Output Capacitance
Coss
58
pF
Reverse Transfer Capacitance
Crss
VDS=50V,VGS=0V,
F=1.0MHz
4
pF
Total Gate Charge
Qg
14.5
22
nC
Gate-Source Charge
Qgs
2.8
nC
Gate-Drain Charge
Qgd
VDS=480V,ID=8A,
VGS=10V
5.5
nC
Intrinsic gate resistance
RG
f = 1 MHz open drain
2
Ω
Switching times
Turn-on Delay Time
td(on)
5.5
nS
Turn-on Rise Time
tr
3.5
nS
Turn-Off Delay Time
td(off)
55
75
nS
Turn-Off Fall Time
tf
VDD=380V,ID=4A,
RG=12Ω,VGS=10V
6.5
10
nS
Source- Drain Diode Characteristics
Source-drain current(Body Diode)
ISD
8
A
Pulsed Source-drain current(Body Diode)
ISDM
TC=25°C
23.4
A
Forward On Voltage
VSD
Tj=25°C,ISD=8A,VGS=0V
0.9
1.2
V
Reverse Recovery Time
trr
220
nS
Reverse Recovery Charge
Qrr
2.2
uC
Peak Reverse Recovery Current
Irrm
Tj=25°C,IF=8A,di/dt=100A/μs
20
A
Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature
2. Tj=25℃,VDD=50V,VG=10V, RG=25Ω
Shenzhen H&M Semiconductor Co.Ltd http.//www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com