Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RXG12FD Datasheet(PDF) 2 Page - Schneider Electric

Part # RXG12FD
Description  Harmony, Interface plug-in relay, 10 A, 1 CO, with LED, with lockable test button, 110 V DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXG12FD Datasheet(HTML) 2 Page - Schneider Electric

  RXG12FD Datasheet HTML 1Page - Schneider Electric RXG12FD Datasheet HTML 2Page - Schneider Electric RXG12FD Datasheet HTML 3Page - Schneider Electric RXG12FD Datasheet HTML 4Page - Schneider Electric RXG12FD Datasheet HTML 5Page - Schneider Electric RXG12FD Datasheet HTML 6Page - Schneider Electric RXG12FD Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
[Ui] rated insulation voltage
250 V IEC
300 V CSA
300 V UL
[Uimp] rated impulse withstand voltage
6 kV 1.2/50 µs
Dielectric strength
1000 V AC between contacts with micro disconnection
5000 V AC between coil and contact with reinforced insulation
Coil resistance
22800 Ohm +/- 15 %
Insulation resistance
1000 MOhm at 500 V DC
Test levels
Level A
Mounting position
Any position
Drop-out voltage threshold
>= 0.1 Uc DC
Coil insulation class
Class F
Operate time
20 ms
Release time
20 ms
[Uc] control circuit voltage
110 V DC
Safety reliability data
B10d = 100000
Colour of cover
Standard
Control type
Lockable test button
Local signalling
Flag
Torque value
7.08 lbf.in (0.8 N.m)
Net weight
0.04 lb(US) (0.02 kg)
Device presentation
Complete product
Environment
Vibration resistance
3 gn +/- 0.75 mm 10…150 Hz)in operation
5 gn +/- 0.75 mm 10…150 Hz)not in operation
IP degree of protection
IP40
Shock resistance
20 gn in operation
100 gn not in operation
Protection category
RT I
Standards
CSA C22.2 No 14
IEC 61810-1
UL 508
Product certifications
UL
EAC
CSA
CE
Pollution degree
2
Overvoltage category
III
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Ambient air temperature for operation
-40…158 °F (-40…70 °C)
Relative humidity
10…85 %
Ordering and shipping details
Category
21127 - ZELIO ICE CUBE RELAYS
Discount Schedule
CP2
GTIN
03606480688768
Nbr. of units in pkg.
1
Package weight(Lbs)
8.04 oz (228 g)
Returnability
No
Country of origin
CN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.36 in (34.5 mm)
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com