| Electronic Components Datasheet Search |
|
ZPSD301-B-70U Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301-B-70U Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 85 page ![]() PSD3XX Family 12 Multiplexed Address/Data Non-Multiplexed Address/Data 8-bit Data Bus I/O or low-order address Port A lines or Low-order multiplexed D0–D7 data bus byte address/data byte Port B I/O and/or CS0–CS7 I/O and/or CS0–CS7 AD0/A0–AD7/A7 Low-order multiplexed address/data byte Low-order address bus byte AD8/A8–AD15/A15 High-order address High-order address bus byte bus byte 16-bit Data Bus I/O or low-order address Port A lines or low-order multiplexed Low-order data bus byte address/data byte Port B I/O and/or CS0–CS7 High-order data bus byte AD0/A0–AD7/A7 Low-order multiplexed address/data byte Low-order address bus byte AD8/A8–AD15/A15 High-order multiplexed address/data byte High-order address bus byte 8.0 Operating Modes (MCU Configurations) (cont.) Table 3. Bus and Port Configuration Options 9.0 Programmable Address Decoder (PAD) The PSD3XX contains two programmable arrays, referred to as PAD A and PAD B (Figure 4). PAD A is used to generate chip select signals derived from the input address to the internal EPROM blocks, SRAM, I/O ports, and Track Mode signals. PAD B outputs to Ports B and C for off-chip usage. PAD B can also be used to extend the decoding to select external devices or as a random logic replacement. PAD A and PAD B receive the same inputs. The PAD logic is configured by PSDsoft based on the designer’s input. The PAD’s non-volatile configuration is stored in a re-programmable CMOS EPROM. Windowed packages are available for erasure by the user. See Table 4 for a list of PAD A and PAD B functions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |