Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLGSSTVF16859V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SLGSSTVF16859V
Description  DDR 13 to 26 Bit Registered Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SLGSSTVF16859V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SLGSSTVF16859V Datasheet HTML 1Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 2Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTVF16859V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTVF16859H/V
3
PRELIMINARY
Data is subject to change.
May 28, 2003
General Description
The 14-bit SLGSSTVF16859 is a registered buffer designed for 2.3V to 2.7V VDD operating range. Inputs are
SSTL_2 levels, except for the LVCMOS RESET input.
Data propagation from D to Q is controlled by the differential clock (CLK/CLK) and a control signal (RESET). The
rising edge of CLK (crossing with CLK falling) is used to register the Data.
RESET, an LVCMOS asynchronous signal, is intended for use at the time of power-up. RESET must be held at a
logic “Low” level during power up. This ensures defined outputs before a stable CLK/CLK is supplied.
The SLGSSTVF16859 supports low-power standby operation. Setting RESET pin to a logic “low” disables (CLK/
CLK) receivers, and allows floating inputs to all other receivers as well (D, VREF , CLK/CLK). Additionally, all inter-
nal registers are reset, and outputs (Q) are set “low”. RESET input pin must always be driven to a valid logic state
“high” or “low”.
SLGSSTVF16859H Pin Description:
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1,17,2,19,3,20,4,
21,5,22,8,23,9,24,
10,25,11,28,12,
29,13,30,14,31,
16,32
QA/B (13:1)
OUTPUT
Q-Outputs
7,15,26,34,39,
43,50,58,63
GND
POWER
Ground
6,18,27,33,38,
47,59,64
VDDQ
POWER
Output supply voltage
62,61,57,56,55,
53,52,44,42,41,
40,36,35
D (13:1)
INPUT
D-Inputs
48
CLK
INPUT
Positive clock input
49
CLK
INPUT
Negative clock input
37, 46
VDD
POWER
Core supply voltage
51
RESET
INPUT
Reset (active low)
45
VREF
INPUT
Input reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com