Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3Y-DS8NS/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3Y-DS8NS/Q
Description  Remote I/O R3 Series 4 ??20 mA INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DS8NS/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3Y-DS8NS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DS8NS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DS8NS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DS8NS/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R3Y-DS4
R3Y-DS4 SPECIFICATIONS
ES-8966 Rev.3 Page 1/4
http://www.m-system.co.jp/
Remote I/O R3 Series
4 – 20 mA INPUT MODULE
(2-wire transmitter excitation supply; 4 points, isolated,
connector type)
110
(4.33)
27.5 (1.08)
130
(5.12)
mm (inch)
MODEL: R3Y–DS4[1][2]
ORDERING INFORMATION
• Code number: R3Y-DS4[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3Y-DS4W/Q)
• Specify the specification for option code /Q
(e.g. /C01/SET)
NO. OF CHANNELS
4: 4
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-8368)
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R3-BSx)
Input: 40-pin connector (Fujitsu FCN-365P040-AU)
Internal power: Via the Installation Base (model: R3-BSx)
Isolation: Input 1 to input 2 to input 3 to input 4 to internal
bus or internal power
Conversion rate: Selectable with the side DIP SW
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
ERR indicator: Bi-color (red/green) LED;
Red with input circuit abnormality (AD converter response
failure);
Green in normal operating conditions.
SUPPLY OUTPUT
(across the terminals 20A/20B – 18A/18B, 16A/16B –
14A/14B, 10A/10B – 8A/8B and 6A/6B – 4A/4B)
Output voltage: 24 – 28 V DC with no load
16 V DC min. at 22 mA
Current rating: ≤ 22 mA DC
∙Shortcircuit Protection
Current limited: Approx. 30 mA
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: 4 – 20 mA DC
Input resistance: 250 Ω resistor incorporated
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 160 g (0.35 lb)
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
Conversion rate: 80 / 40 / 20 / 10 msec. selectable
(factory default: 80 msec.)
Data range: 0 – 10000
Data allocation: 4
Current consumption: 210 mA


Similar Part No. - R3Y-DS8NS/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3Y-DS8NS/Q MSYSTEM-R3Y-DS8NS/Q Datasheet
126Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
More results

Similar Description - R3Y-DS8NS/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6D-DS1 MSYSTEM-R6D-DS1 Datasheet
118Kb / 3P
Remote I/O R6 Series 4 ??20 mA INPUT MODULE
R6N-DS1 MSYSTEM-R6N-DS1 Datasheet
131Kb / 3P
Remote I/O R6 Series 4 ??20 mA INPUT MODULE
R6S-DS1 MSYSTEM-R6S-DS1 Datasheet
140Kb / 3P
Remote I/O R6 Series 4 ??20 mA INPUT MODULE
R3-AD4 MSYSTEM-R3-AD4 Datasheet
135Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT ALARM MODULE
R3-DS4 MSYSTEM-R3-DS4 Datasheet
128Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
R3-DS4A MSYSTEM-R3-DS4A Datasheet
130Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
R3-DS8N MSYSTEM-R3-DS8N Datasheet
131Kb / 5P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
R3Y-DS8N MSYSTEM-R3Y-DS8N Datasheet
126Kb / 4P
Remote I/O R3 Series 4 ??20 mA INPUT MODULE
R5-DS1A MSYSTEM-R5-DS1A Datasheet
113Kb / 3P
Remote I/O R5 Series 4 ??20 mA INPUT MODULE
R5-DS MSYSTEM-R5-DS Datasheet
114Kb / 3P
Remote I/O R5 Series 4 ??20 mA INPUT MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com