Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3Y-DAC16AS/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3Y-DAC16AS/Q
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DAC16AS/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3Y-DAC16AS/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DAC16AS/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DAC16AS/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DAC16AS/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3Y-DA16A
R3Y-DA16A SPECIFICATIONS
ES-8965 Rev.7 Page 4/4
https://www.m-system.co.jp/
INPUT CONNECTOR (40-pin)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1A
0V (24V DC)
1B
0V (24V DC)
2A
0V (24V DC)
2B
0V (24V DC)
3A
24V DC (0V)
3B
24V DC (0V)
4A
24V DC (0V)
4B
24V DC (0V)
5A
Di 16
5B
Di 16
6A
Di 8
6B
Di 8
7A
Di 15
7B
Di 15
8A
Di 7
8B
Di 7
9A
Di 14
9B
Di 14
10A
Di 6
10B
Di 6
11A
Di 13
11B
Di 13
12A
Di 5
12B
Di 5
13A
Di 12
13B
Di 12
14A
Di 4
14B
Di 4
15A
Di 11
15B
Di 11
16A
Di 3
16B
Di 3
17A
Di 10
17B
Di 10
18A
Di 2
18B
Di 2
19A
Di 9
19B
Di 9
20A
Di 1
20B
Di 1
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com