Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3Y-DA16W/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R3Y-DA16W/Q
Description  Remote I/O R3 Series DISCRETE INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3Y-DA16W/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R3Y-DA16W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3Y-DA16W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3Y-DA16W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3Y-DA16W/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3Y-DA16
R3Y-DA16 SPECIFICATIONS
ES-8963 Rev.7 Page 4/4
https://www.m-system.co.jp/
INPUT CONNECTOR (40-pin)
PIN NO
ASSIGNMENT
PIN NO
ASSIGNMENT
1A
0V
1B
0V
2A
0V
2B
0V
3A
NC
3B
NC
4A
NC
4B
NC
5A
Di16
5B
Di16
6A
Di8
6B
Di8
7A
Di15
7B
Di15
8A
Di7
8B
Di7
9A
Di14
9B
Di14
10A
Di6
10B
Di6
11A
Di13
11B
Di13
12A
Di5
12B
Di5
13A
Di12
13B
Di12
14A
Di4
14B
Di4
15A
Di11
15B
Di11
16A
Di3
16B
Di3
17A
Di10
17B
Di10
18A
Di2
18B
Di2
19A
Di9
19B
Di9
20A
Di1
20B
Di1
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com