Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-US4W/Q Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-US4W/Q
Description  Remote I/O R3 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-US4W/Q Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R3-US4W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-US4W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-US4W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-US4W/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-US4W/Q Datasheet HTML 5Page - M-System Co.,Ltd. R3-US4W/Q Datasheet HTML 6Page - M-System Co.,Ltd. R3-US4W/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: R3-US4
R3-US4 SPECIFICATIONS
ES-8449 Rev.7 Page 6/7
http://www.m-system.co.jp/
INPUT DATA DESCRIPTIONS
■ UNIVERSAL INPUT DATA (SCALING CONVERSION DATA)
0
15
16-bit binary data.
When scaling setting is initial value, 0 to 10000, data is 0 to 10000 for input 0 to 100% setting.
Input range is -10 to +110% (-1000 to +11000). When out of input range, it is fixed to -1000 or 11000.
Minus value is converted into negative values, represented in 2’s complements.
■ UNIVERSAL INPUT DATA (TEMPERATURE DATA)
0
15
16-bit binary data.
• Temperature input accuracy is ‘Standard’
With °C temperature unit or K temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data.
For example, 135.4°F is converted into 135.
Minus temperature is converted into negative values, represented in 2’s complements.
• Temperature input accuracy is ‘High accuracy (Option code /A)’
With °C temperature unit, raw data is multiplied by 100. For example, 25.5°C is converted into 2550.
With °F temperature unit, raw data is multiplied by 10. For example, 135.4°F is converted into 1354.
Minus temperature is converted into negative values, represented in 2’s complements.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
12
14
16
18
19
20
3
5
7
9
10
13
15
17
11
2
6
8
4
POSITIONING
GUIDE
109 (4.29)
20–M3
SCREW
TERMINAL
COVER
27.5 (1.08)
CJC SENSOR
(4 CJMs)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com