Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R3-WT1A11S/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-WT1A11S/Q
Description  Remote I/O R3 Series MULTI POWER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-WT1A11S/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-WT1A11S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-WT1A11S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-WT1A11S/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-WT1A11S/Q Datasheet HTML 4Page - M-System Co.,Ltd. R3-WT1A11S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R3-WT1A
R3-WT1A SPECIFICATIONS
ES-8416 Rev.5 Page 3/5
http://www.m-system.co.jp/
EXTERNAL VIEW
■ FRONT VIEW
RUN LED
ERR LED
1
2
3
4
5
6
7
8
9
10
■ SIDE VIEW
ON
8
7
6
5
4
3
2
1
SW1
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
TRANSMISSION DATA DESCRIPTIONS
ADDRESS
CONTENTS
n
Active power *2
n + 1
Reactive power *2
n + 2
Power factor *2
n + 3
Frequency *2
n + 4
Incoming active energy (lower bits) *3
n + 5
Incoming active energy (upper bits)
n + 6
Outgoing active energy (lower bits) *3
n + 7
Outgoing active energy (upper bits)
n + 8
LAG reactive energy (lower bits) *3
n + 9
LAG reactive energy (upper bits)
n +10
LEAD reactive energy (lower bits) *3
n +11
LEAD reactive energy (upper bits)
n +12
0
n +13
0
n +14
0
n +15
0
R3CON type ID
WT1A***
Network module
4, 8, 16
data allocation
mode example *1
n = I/O address on the installation base
Factory setting = 1 kWh and 1 kvarh per bit.
Data address depends upon the data allocation mode as
indicated below:
4 (n thr. n+3)
8 (n thr. n+7)
16 (n thr. n+15)
*1. Fixed at 16 for the R3-NPx.
*2. 16-bit data
*3. 32-bit data
I/O DATA DESCRIPTIONS
■ 16-BIT DATA
0
15
16-bit binary data. Minus values are represented in 2’s complements.
■ 32-BIT DATA
16
31
0
15
s
t
i
g
i
d
r
e
w
o
l
s
t
i
g
i
d
r
e
p
p
u
32-bit binary data. Minus values are represented in 2’s complements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com